Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 779 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 779 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 775Page - Renesas Technology Corp SH7041A Datasheet HTML 776Page - Renesas Technology Corp SH7041A Datasheet HTML 777Page - Renesas Technology Corp SH7041A Datasheet HTML 778Page - Renesas Technology Corp SH7041A Datasheet HTML 779Page - Renesas Technology Corp SH7041A Datasheet HTML 780Page - Renesas Technology Corp SH7041A Datasheet HTML 781Page - Renesas Technology Corp SH7041A Datasheet HTML 782Page - Renesas Technology Corp SH7041A Datasheet HTML 783Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 779 / 923 page
background image
741
Section 23 RAM
23.1
Overview
The SH7040 series has 4 kbytes of on-chip RAM. The on-chip RAM is linked to the CPU and
direct memory access controller (DMAC)/data transfer controller (DTC) with a 32-bit data bus
(figure 23.1). The CPU can access data in the on-chip RAM in 8, 16, or 32 bit widths. The DMAC
can access 8 or 16 bit widths. On-chip RAM data can always be accessed in one state, making the
RAM ideal for use as a program area, stack area, or data area, which require high-speed access.
The contents of the on-chip RAM are held in both the sleep and standby modes. Memory area 0
addresses H'FFFFF000–H'FFFFFFFF are allocated to the on-chip RAM.
H'FFFFF000
H'FFFFF004
H'FFFFF001
H'FFFFF005
H'FFFFF002
H'FFFFF006
H'FFFFF003
H'FFFFF007
H'FFFFFFFC
H'FFFFFFFD
H'FFFFFFFE
H'FFFFFFFF
On-chip RAM
Internal data bus (32 bits)
Figure 23.1 Block Diagram of RAM
23.2
Operation
The on-chip RAM is accessed by accessing addresses H'FFFFF000–H'FFFFFFFF. On-chip RAM
is also used as cache memory. There are 2 kbytes of on-chip RAM space during cache use. See
section 9, Cache Memory (CAC), for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com