Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 781 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 781 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 777Page - Renesas Technology Corp SH7041A Datasheet HTML 778Page - Renesas Technology Corp SH7041A Datasheet HTML 779Page - Renesas Technology Corp SH7041A Datasheet HTML 780Page - Renesas Technology Corp SH7041A Datasheet HTML 781Page - Renesas Technology Corp SH7041A Datasheet HTML 782Page - Renesas Technology Corp SH7041A Datasheet HTML 783Page - Renesas Technology Corp SH7041A Datasheet HTML 784Page - Renesas Technology Corp SH7041A Datasheet HTML 785Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 781 / 923 page
background image
743
Section 24 Power-Down State
24.1
Overview
In the power-down state, the CPU functions are halted. This enables a great reduction in power
consumption.
24.1.1
Power-Down States
The power-down state is effected by the following two modes:
• Sleep mode
• Standby mode
Table 24.1 describes the transition conditions for entering the modes from the program execution
state as well as the CPU and peripheral function status in each mode and the procedures for
canceling each mode.
Table 24.1
Power-Down State Conditions
State
Mode
Entering
Procedure
Clock CPU
On-Chip
Peripheral
Modules
CPU
Registers RAM
I/O
Ports
Canceling
Procedure
Sleep
Execute SLEEP
instruction with
SBY bit set to 0
in SBYCR
Run
Halt
Run
Held
Held
Held
• Interrupt
• DMAC/DTC
address error
• Power-on
reset
• Manual reset
Stand-
by
Execute SLEEP
instruction with
SBY bit set to 1
in SBYCR
Halt
Halt
Halt*
1
Held
Held
Held or
high
impe-
dance*
2
• NMI interrupt
• Power-on
reset
• Manual reset
Notes: SBYCR: standby control register. SBY: standby bit
*1 Some bits within on-chip peripheral module registers are initialized by the standby
mode; some are not. Refer to table 24.3, Register States in the Standby Mode, in
section 24.4.1, Transition to Standby Mode. Also refer to the register descriptions for
each peripheral module.
*2 The status of the I/O port in standby mode is set by the port high impedance bit (HIZ) of
the SBYCR. Refer to section 24.2, Standby Control Register (SBYCR). For pin status
other than for the I/O port, refer to Appendix C, Pin Status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com