Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 796 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 796 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 792Page - Renesas Technology Corp SH7041A Datasheet HTML 793Page - Renesas Technology Corp SH7041A Datasheet HTML 794Page - Renesas Technology Corp SH7041A Datasheet HTML 795Page - Renesas Technology Corp SH7041A Datasheet HTML 796Page - Renesas Technology Corp SH7041A Datasheet HTML 797Page - Renesas Technology Corp SH7041A Datasheet HTML 798Page - Renesas Technology Corp SH7041A Datasheet HTML 799Page - Renesas Technology Corp SH7041A Datasheet HTML 800Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 796 / 923 page
background image
758
Table 25.7
Bus Timing (Conditions: V
CC = 5.0 V ± 10%, AVCC = 5.0 V ± 10%, AVCC = VCC ±
10%, AV
ref = 4.5 V to AVCC, VSS = AVSS = 0 V, Ta = – 20 to +75°C)
Item
Symbol
Min
Max
Unit Figure
Write address setup time
t
AS
0
—
ns
25.8–25.9
Write address hold time
t
WR
5
—
ns
25.8, 25.9, 25.19
Write data hold time
t
WRH
0—
ns
Read/write strobe delay time 1 t
RWD1
2*
3
18
ns
25.11–25.16
Read/write strobe delay time 2 t
RWD2
2*
3
18
ns
High-speed page mode CAS
precharge time
t
CP
t
cyc – 25
—
ns
25.16
RAS precharge time
t
RP
t
cyc × (TPC + 1.5) – 15
—
ns
25.11–25.16
CAS setup time
t
CSR
10
—
ns
25.17, 25.18
AH delay time 1
t
AHD1
2*
3
18
ns
25.19
AH delay time 2
t
AHD2
2*
3
18
ns
Multiplex address delay time
t
MAD
2*
3
18
ns
Multiplex address hold time
t
MAH
0—
ns
DACK delay time
t
DACKD1
2*
3
21
ns
25.8, 25.9, 25.11–
25.16, 25.19
Notes: n is the number of waits. m is 0 when the number of DRAM write cycle waits is 0, and 1
otherwise. RCD is the set value of the RCD bit in DCR. TPC is the set value of the TPC bit
in DCR.
*1 If the access time is satisfied, t
RDS need not be satisfied.
*2t
WDH (max) is a reference value.
*3 The delay time Min values are reference values (typ).
*4t
RDS is a reference value.
*5 When 28.7MHz, tASR=0ns (min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com