Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 792 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 792 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 788Page - Renesas Technology Corp SH7041A Datasheet HTML 789Page - Renesas Technology Corp SH7041A Datasheet HTML 790Page - Renesas Technology Corp SH7041A Datasheet HTML 791Page - Renesas Technology Corp SH7041A Datasheet HTML 792Page - Renesas Technology Corp SH7041A Datasheet HTML 793Page - Renesas Technology Corp SH7041A Datasheet HTML 794Page - Renesas Technology Corp SH7041A Datasheet HTML 795Page - Renesas Technology Corp SH7041A Datasheet HTML 796Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 792 / 923 page
background image
754
25.3.2
Control Signal Timing
Table 25.5
Control Signal Timing (Conditions: V
CC = 5.0 V ± 10%, AVCC = 5.0 V ± 10%,
AV
CC = VCC ± 10%, AVref = 4.5 V to AVCC, VSS = AVSS = 0 V, Ta = –20 to +75° C)
Item
Symbol
Min
Max
Unit
Figure
RES rise/fall
t
RESr, t RESf
—
200
ns
25.4
RES pulse width
t
RESW
20
—
t
cyc
MRES pulse width
t
MRESW
20
—
t
cyc
NMI rise/fall
t
NMIr, t NMIf
—
200
ns
25.5
RES setup time*
t
RESS
35
—
ns
25.4,
MRES setup time*
t
MRESS
35
—
ns
25.5
NMI setup time*
t
NMIS
35
—
ns
IRQ7–IRQ0 setup time (edge detection)
t
IRQES
35
—
ns
IRQ7–IRQ0 setup time (level detection)
t
IRQLS
35
—
ns
NMI hold time
t
NMIH
35
—
ns
25.5
IRQ7–IRQ0 hold time
t
IRQEH
35
—
ns
IRQOUT output delay time
t
IRQOD
—
35
ns
25.6
Bus request setup time
t
BRQS
35
—
ns
25.7
Bus acknowledge delay time 1
t
BACKD1
—35
ns
Bus acknowledge delay time 2
t
BACKD2
—35
ns
Bus three-state delay time
t
BZD
—35
ns
Note: * The
RES, MRES, NMI, BREQ, and IRQ7–IRQ0 signals are asynchronous inputs, but
when thesetup times shown here are provided, the signals are considered to have
produced changes at clock rise (for
RES, MRES, BREQ) or clock fall (for NMI and IRQ7–
IRQ0). If the setup times are not provided, recognition is delayed until the next clock rise
or fall.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com