Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 789 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 789 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 785Page - Renesas Technology Corp SH7041A Datasheet HTML 786Page - Renesas Technology Corp SH7041A Datasheet HTML 787Page - Renesas Technology Corp SH7041A Datasheet HTML 788Page - Renesas Technology Corp SH7041A Datasheet HTML 789Page - Renesas Technology Corp SH7041A Datasheet HTML 790Page - Renesas Technology Corp SH7041A Datasheet HTML 791Page - Renesas Technology Corp SH7041A Datasheet HTML 792Page - Renesas Technology Corp SH7041A Datasheet HTML 793Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 789 / 923 page
background image
751
Table 25.2
DC Characteristics (Conditions: V
CC = 5.0 V ± 10%, AVCC = 5.0 V ± 10%,
AV
CC = VCC ± 10%, AVref = 4.5 V to AVCC, VSS = AVSS = 0 V, Ta = –20 to +75°C)
(cont)
Item
Pin
Symbol Min
Typ Max
Unit
Measurement
Conditions
Output
All output pins
V
OH
V
CC – 0.5
—
—
V
I
OH = –200 µA
high-level
voltage
3.5
—
—
V
I
OH = –1 mA
Output low- All output pins
V
OL
—
—
0.4
V
I
OL = 1.6 mA
level
voltage
PE9, PE11–PE15
—
—
1.5
V
I
OL = 15 mA
Input
RES
Cin
—
—
80*
1
pF
Vin = 0 V, f = 1 MHz,
capaci-
NMI
—
—
50
pF
Ta = 25°C
tance
All other input
pins
—
—
20
pF
Current
consump-
Ordinary
operation
I
CC
—
160 230
mA
f = 28 MHz
tion
Sleep
—
140 200
mA
f = 28 MHz
Standby
—
0.01 5
µA
Ta
≤ 50°C
—
—
20
µA
Ta
> 50°C
Analog
AI
CC
—
5
10
mA
supply
current
AI
ref
—
0.5
1*
2
mA
QFP144 version only
RAM
standby
voltage
V
RAM
2.0
—
—
V
Notes: 1. When the A/D converter is not used (including during standby), do not release the AV
CC,
AV
SS, and AV ref (SH7041,SH7043,SH7045 only) pins. Connect the AVCC and AVref
(SH7041,SH7043,SH7045 only) pins to V
CC and the AVSS pin to VSS.
2. The current consumption is measured when V
IHmin = VCC – 0.5 V, VIL max = 0.5 V, with
all output pins unloaded.
3. The ZTAT and mask versions as well as F-ZTAT and mask versions have the same
functions, and the electrical characteristics of both are within specification, but
characteristic-related performance values, operating margins, noise margins, noise
emission, etc., are different. Caution is therefore required in carrying out system design,
when switching between ZTAT and mask versions, and when switching between F-
ZTAT and mask versions.
4. When the SH7040 chip is used for high-speed operation, the package surface
temperature rises. Appropriate measures (such as heat dissipation) to ensure overall
system reliability and safety should therefore be investigated.
*1 110pF for A mask
*2 5 mA in the A mask version, except for F-ZTAT products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com