Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 787 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 787 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 783Page - Renesas Technology Corp SH7041A Datasheet HTML 784Page - Renesas Technology Corp SH7041A Datasheet HTML 785Page - Renesas Technology Corp SH7041A Datasheet HTML 786Page - Renesas Technology Corp SH7041A Datasheet HTML 787Page - Renesas Technology Corp SH7041A Datasheet HTML 788Page - Renesas Technology Corp SH7041A Datasheet HTML 789Page - Renesas Technology Corp SH7041A Datasheet HTML 790Page - Renesas Technology Corp SH7041A Datasheet HTML 791Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 787 / 923 page
background image
749
Section 25 Electrical Characteristics
(5V, 28.7 MHz Version)
25.1
Absolute Maximum Ratings
Table 25.1 shows the absolute maximum ratings.
Table 25.1
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Power supply voltage
V
CC
–0.3 to +7.0
V
Programmable voltage (ZTAT version only)
V
PP
–0.3 to +13.5
V
Input voltage (other than A/D ports)
V
in
–0.3 to V
CC + 0.3
V
Input voltage (A/D ports)
V
in
–0.3 to AV
CC + 0.3
V
Analog supply voltage
AV
CC
–0.3 to +7.0
V
Analog reference voltage (QFP-144 only)
AV
ref
–0.3 to AV
CC + 0.3
V
Analog input voltage
V
AN
–0.3 to AV
CC + 0.3
V
Operating temperature
T
opr
–20 to +75*
1
°C
Programming temperature (ZTAT version only)
T
we
–20 to +75*
2
°C
Storage temperature
T
stg
–55 to +125
°C
Notes: Operating the LSI in excess of the absolute maximum ratings may result in permanent
damage.
*1 Normal Products : T
OPR = –40 to + 85°C for wide-temperature range products.
*2 Normal Products: T
we = –20 to +85°C for wide-temperature range products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com