Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 790 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 790 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 786Page - Renesas Technology Corp SH7041A Datasheet HTML 787Page - Renesas Technology Corp SH7041A Datasheet HTML 788Page - Renesas Technology Corp SH7041A Datasheet HTML 789Page - Renesas Technology Corp SH7041A Datasheet HTML 790Page - Renesas Technology Corp SH7041A Datasheet HTML 791Page - Renesas Technology Corp SH7041A Datasheet HTML 792Page - Renesas Technology Corp SH7041A Datasheet HTML 793Page - Renesas Technology Corp SH7041A Datasheet HTML 794Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 790 / 923 page
background image
752
Table 25.3
Permitted Output Current Values (Conditions: V
CC = 5.0 V ± 10%, AVCC =
5.0 V
± 10%, AV
CC = VCC ± 10%, AVref = 4.5 V to AVCC, VSS = AVSS = 0 V,
Ta = –20 to +75° C)
Item
Symbol
Min
Typ
Max
Unit
Output low-level permissible current (per pin)
I
OL
—
—
2.0*
mA
Output low-level permissible current (total)
∑ I
OL
——80
mA
Output high-level permissible current (per pin)
–I
OH
—
—
2.0
mA
Output high-level permissible current (total)
∑ (–I
OH)
——25
mA
Notes: To assure LSI reliability, do not exceed the output values listed in this table.
*
PE9, PE11–PE15 are I
OL = 15 mA (max). Make sure that no more than three of these
pins exceed an I
OL of 2.0 mA simultaneously.
25.3
AC Characteristics
25.3.1
Clock Timing
Table 25.4
Clock Timing (Conditions: V
CC = 5.0 V ± 10%, AVCC = 5.0 V ± 10%, AVCC =
V
CC ± 10%, AVref = 4.5 V to AVCC, VSS = AVSS = 0 V, Ta = –20 to +75° C)
Item
Symbol
Min
Max
Unit
Figures
Operating frequency
f
OP
4
28.7
MHz
25.1
Clock cycle time
t
cyc
34.8
250
ns
Clock low-level pulse width
t
CL
10
—
ns
Clock high-level pulse width
t
CH
10
—
ns
Clock rise time
t
CR
—5
ns
Clock fall time
t
CF
—5
ns
EXTAL clock input frequency
f
EX
4
10
MHz
25.2
EXTAL clock input cycle time
t
EXcyc
100
250
ns
EXTAL clock low-level input pulse width
t
EXL
40
—
ns
EXTAL clock high-level input pulse width
t
EXH
40
—
ns
EXTAL clock input rise time
t
EXR
—5
ns
EXTAL clock input fall time
t
EXF
—5
ns
Reset oscillation settling time
t
OSC1
10
—
ms
25.3
Standby return clock settling time
t
OSC2
10
—
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com