Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 827 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 827 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 823Page - Renesas Technology Corp SH7041A Datasheet HTML 824Page - Renesas Technology Corp SH7041A Datasheet HTML 825Page - Renesas Technology Corp SH7041A Datasheet HTML 826Page - Renesas Technology Corp SH7041A Datasheet HTML 827Page - Renesas Technology Corp SH7041A Datasheet HTML 828Page - Renesas Technology Corp SH7041A Datasheet HTML 829Page - Renesas Technology Corp SH7041A Datasheet HTML 830Page - Renesas Technology Corp SH7041A Datasheet HTML 831Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 827 / 923 page
background image
789
26.3.3
Bus Timing
Table 26.6 Bus Timing (Conditions: V
CC = 3.0
*1 to 3.6V, AV
CC = 3.0
*1 to 3.6V, AV
CC = VCC
± 10%, AV
ref = 3.0
*1 to AV
CC, VSS = AVSS = 0V, Ta = –20 to +75°C)
Item
Symbol Min
Max Unit Figure
Address delay time
t
AD
3*4
35
ns
26.8, 9, 11–16, 19
CS delay time 1
t
CSD1
3*4
35
ns
26.8, 9, 19
CS delay time 2
t
CSD2
3*4
35
ns
Read strobe delay time 1
t
RSD1
3*4
35
ns
26.8, 9, 11–16, 19
Read strobe delay time 2
t
RSD2
3*4
35
ns
Read data setup time
t
RDS
*5
25
—
ns
Read data hold time
t
RDH
0—
ns
Write strobe delay time 1
t
WSD1
3*4
35
ns
Write strobe delay time 2
t
WSD2
3*5
35
ns
Write data delay time
t
WDD
—45
ns
Write data hold time
t
WDH
025*3
ns
WAIT setup time
t
WTS
15
—
ns
26.10,15, 19
WAIT hold time
t
WTH
0—
ns
RAS delay time 1
t
RASD1
3*4
35
ns
26.11–18
RAS delay time 2
t
RASD2
3*4
35
ns
CAS delay time 1
t
CASD1
3*4
35
ns
CAS delay time 2
t
CASD2
3*4
35
ns
Read data access time
t
ACC
*2
t
cyc× (n+2) – 45
—
ns
26.8, 9
Access time from read strobe
t
OE
*2
t
cyc× (n+1.5) – 40
—
ns
Access time from column
address
t
AA
*2
t
cyc× (n+2) – 45
—
ns
26.11–16
Access time from
RAS
t
RAC
*2
t
cyc× (n+RCD+2.5) – 40
—
ns
Access time from
CAS
t
CAC
*2
t
cyc× (n+1) – 40
—
ns
Row address hold time
t
RAH
t
cyc× (RCD+0.5) – 15
—
ns
Row address setup time
t
ASR
0—
ns
Data input setup time
t
DS
t
cyc× (m+0.5) – 27
—
ns
Data input hold time
t
DH
20
—
ns
Notes: n is the wait number. m is 1 unless the DRAM write cycle wait number is 0, then m is 0.
RCD is the set value of the RCD bit of DCR.
*1 SH7042/43 ZTAT (excluding A mask) are 3.2V.
*2 If the access time is satisfied, then the t
RDS need not be satisfied.
*3t
WDH (max) is a reference value.
*4 The delay time min values are reference values (typ).
*5t
RDS is a reference value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com