Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 824 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 824 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 820Page - Renesas Technology Corp SH7041A Datasheet HTML 821Page - Renesas Technology Corp SH7041A Datasheet HTML 822Page - Renesas Technology Corp SH7041A Datasheet HTML 823Page - Renesas Technology Corp SH7041A Datasheet HTML 824Page - Renesas Technology Corp SH7041A Datasheet HTML 825Page - Renesas Technology Corp SH7041A Datasheet HTML 826Page - Renesas Technology Corp SH7041A Datasheet HTML 827Page - Renesas Technology Corp SH7041A Datasheet HTML 828Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 824 / 923 page
background image
786
26.3.2
Control Signal Timing
Table 26.5
Control Signal Timing (Conditions: V
CC = 3.0
*1 to 3.6V, AV
CC = 3.0
*1 to 3.6V,
AV
CC = VCC ± 10%, AVref = 3.0
*1 to AV
CC, VSS = AVSS = 0V, Ta = –20 to +75°C)
Item
Symbol
Min
Max
Unit
Figure
RES rise/fall
t
RESr, t RESf
—
200
ns
26.4
RES pulse width
t
RESW
20
—
t
cyc
MRES pulse width
t
MRESW
20
—
t
cyc
NMI rise/fall
t
NMIr, t NMIf
—
200
ns
26.5
RES setup time*
1
t
RESS
100
—
ns
26.4
MRES setup time*
1
t
MRESS
100
—
ns
26.5
NMI setup time (during edge detection)
t
NMIS
100
—
ns
IRQ7–IRQ0 setup time (edge detection)*
2
t
IRQES
100
—
ns
IRQ7–IRQ0 setup time (level detection)*
2
t
IRQLS
100
—
ns
NMI hold time
t
NMIH
50
—
ns
26.5
IRQ7–IRQ0 hold time
t
IRQEH
50
—
ns
IRQOUT output delay time
t
IRQOD
—
50
ns
26.6
Bus request setup time
t
BRQS
35
—
ns
26.7
Bus acknowledge delay time 1
t
BACKD1
—35ns
Bus acknowledge delay time 2
t
BACKD2
—35ns
Bus three state delay time
t
BZD
—35ns
Notes: *1 SH7042/43 ZTAT (excluding A mask) are 3.2V.
*2 The
RES, MRES, NMI, BREQ, and IRQ7–IRQ0 signals are asynchronous inputs, but
when the setup times shown here are provided, the signals are considered to have
produced changes at clock rise (for
RES, MRES, BREQ) or clock fall (for NMI and
IRQ7–IRQ0). If the setup times are not provided, recognition is delayed until the next
clock rise or fall.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com