Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 820 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 820 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 816Page - Renesas Technology Corp SH7041A Datasheet HTML 817Page - Renesas Technology Corp SH7041A Datasheet HTML 818Page - Renesas Technology Corp SH7041A Datasheet HTML 819Page - Renesas Technology Corp SH7041A Datasheet HTML 820Page - Renesas Technology Corp SH7041A Datasheet HTML 821Page - Renesas Technology Corp SH7041A Datasheet HTML 822Page - Renesas Technology Corp SH7041A Datasheet HTML 823Page - Renesas Technology Corp SH7041A Datasheet HTML 824Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 820 / 923 page
background image
782
26.2
DC Characteristics
Table 26.2
DC Characteristics (Conditions: V
CC = 3.0
*1 to 3.6V, AV
CC = 3.0
*1 to 3.6V,
AV
CC = VCC ± 10%, AVref = 3.0
*1 to AV
CC, VSS = AVSS = 0V, Ta = –20 to +75°C)
Item
Pin
Symbol
Min
Typ
Max
Unit
Measurement
Conditions
Input high-
level
voltage
RES, NMI,
MD3–0, PA2,
PA5, PA6–PA9,
PA0–PE15, FWP
V
IH
V
CC × 0.9 —
V
CC+ 0.3
V
EXTAL
V
CC× 0.9
—
V
CC+ 0.3
V
A/D port
V
CC× 0.7
—
AV
CC+ 0.3
V
Other input pins
V
CC× 0.7
—
V
CC+ 0.3
V
Input low-
level
voltage
RES, NMI,
MD3–0, PA2,
PA5, PA6–PA9,
PA0–PE15, FWP
V
IL
–0.3
—
V
CC× 0.1
V
Other input pins
–0.3
—
V
CC× 0.2
V
Schmitt
trigger input
voltage
PA2, PA5, PA6–
PA9,
PE0–PE15
V
T
+ – V
T
–
V
CC×
0.07
——
V
VT
+
≥ V
CC× 0.9V (min)
VT
–
≤ V
CC× 0.2V (max)
Input leak
current
RES, NMI, MD3–
0, PA2, PA5,
PA6–PA9, PE0–
PE15,FWP
| l
in |
—
—
1.0
µAV
in= 0.5 to VCC– 0.5V
A/D port
—
—
1.0
µAV
in= 0.5 to AVCC– 0.5V
Other input pins
(except EXTAL
pin)
—
—
1.0
µAV
in= 0.5 to VCC– 0.5V
Three–state
leak current
(while off)
A21–A0, D31–
D0,
CS3–CS0,
RDWR,
RAS,
CASxx, WRxx,
RD, Ports A, B,
C, D, E
| l
TSl |
—
—
1.0
µAV
in= 0.5 to VCC– 0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com