Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 817 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 817 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 813Page - Renesas Technology Corp SH7041A Datasheet HTML 814Page - Renesas Technology Corp SH7041A Datasheet HTML 815Page - Renesas Technology Corp SH7041A Datasheet HTML 816Page - Renesas Technology Corp SH7041A Datasheet HTML 817Page - Renesas Technology Corp SH7041A Datasheet HTML 818Page - Renesas Technology Corp SH7041A Datasheet HTML 819Page - Renesas Technology Corp SH7041A Datasheet HTML 820Page - Renesas Technology Corp SH7041A Datasheet HTML 821Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 817 / 923 page
background image
779
25.4
A/D Converter Characteristics
Table 25.15 A/D Converter Timing (excluding A mask) (Conditions: V
CC = 5.0 V ± 10%,
AV
CC = 5.0 V ± 10%, AVCC = VCC ± 10%, AVref = 4.5 V to AVCC, VSS = AVSS = 0
V, Ta = – 20 to +75
°C)
28.7 MHz
Item
Min
Typ
Max
Unit
Resolution
10
10
10
Bits
Conversion time (when CKS = 1) —
—
2.9
µs
Analog input capacitance
—
—
20
pF
Permitted signal source
impedance
——
1
k
Ω
Non-linear error*
—
—
±8
LSB
Offset error*
—
—
±8
LSB
Full-scale error*
—
—
±8
LSB
Quantization error*
—
—
±0.5
LSB
Absolute error (when CKS = 1)
—
—
±15
LSB
Note: * Reference values
Table 25.16 A/D Converter Timing (A mask) (Condition: Vcc=5.0 ± 10%, AVcc=5.0 ± 10%,
AVcc=Vcc ± 10%, AVref=4.5V to AVcc, Vss=AVss=0V, Ta=-20 to +75
°C)
28.7 MHz
20 MHz
Item
Min
Typ
Max
Min
Typ
Max
Unit
Resolution
10
10
10
10
10
10
Bits
Conversion time (when CKS=0)
—
—
9.3
—
—
13.4
µs
Analog input capacity
—
—
20
—
—
20
pF
Permission signal source
impedance
——
1
—
—
1
k
Ω
Non-linearity error*
—
—
±3
—
—
±3
LSB
Offset error*
—
—
±3
—
—
±3
LSB
Full scale error*
—
—
±3
—
—
±3
LSB
Quantize error*
—
—
±0.5
—
—
±0.5
LSB
Absolute error
—
—
±4
—
—
±4
LSB
Note: * Reference value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com