Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 819 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 819 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 815Page - Renesas Technology Corp SH7041A Datasheet HTML 816Page - Renesas Technology Corp SH7041A Datasheet HTML 817Page - Renesas Technology Corp SH7041A Datasheet HTML 818Page - Renesas Technology Corp SH7041A Datasheet HTML 819Page - Renesas Technology Corp SH7041A Datasheet HTML 820Page - Renesas Technology Corp SH7041A Datasheet HTML 821Page - Renesas Technology Corp SH7041A Datasheet HTML 822Page - Renesas Technology Corp SH7041A Datasheet HTML 823Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 819 / 923 page
background image
781
Section 26 Electrical Characteristics
(3.3V, 16.7 MHz Version)
26.1
Absolute Maximum Ratings
Table 26.1
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Power supply voltage
V
CC
–0.3 to +7.0
V
Programmable voltage (ZTAT version only)
V
PP
–0.3 to +13.5
V
Input voltage (other than A/D ports)
V
in
–0.3 to V
CC + 0.3
V
Input voltage (A/D ports)
V
in
–0.3 to AV
CC + 0.3
V
Analog supply voltage
AV
CC
–0.3 to +7.0
V
Analog reference voltage (QFP-144 only)
AV
ref
–0.3 to AV
CC + 0.3
V
Analog input voltage
V
AN
–0.3 to AV
CC + 0.3
V
Operating temperature
T
opr
–20 to +75
°C
Programming temperature (ZTAT version only)
T
we
–20 to +75
°C
Storage temperature
T
stg
–55 to +125
°C
Note:
Operating the LSI in excess of the absolute maximum ratings may result in permanent
damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com