Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 816 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 816 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 812Page - Renesas Technology Corp SH7041A Datasheet HTML 813Page - Renesas Technology Corp SH7041A Datasheet HTML 814Page - Renesas Technology Corp SH7041A Datasheet HTML 815Page - Renesas Technology Corp SH7041A Datasheet HTML 816Page - Renesas Technology Corp SH7041A Datasheet HTML 817Page - Renesas Technology Corp SH7041A Datasheet HTML 818Page - Renesas Technology Corp SH7041A Datasheet HTML 819Page - Renesas Technology Corp SH7041A Datasheet HTML 820Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 816 / 923 page
background image
778
25.3.11
Measuring Conditions for AC Characteristics
• Input reference levels:
 High level: 2.2 V
 Low level: 0.8 V
• Output reference levels:
 High level: 2.0 V
 Low level: 0.8 V
IOL
Vref
CL
IOH
V
LSI
output pin
DUT output
CL is set with the following pins, including the total capacitance of the
measurement equipment etc:
Note:
30 pF:
50 pF:
70 pF:
IOL, IOH:
CK,
RAS, CASxx, RDWR, CS0–CS3, AH, BREQ, BACK, DACK0,
DACK1, and
IRQOUT
A21–A0, D31–D0,
RD, WRxx
Port output and peripheral module output pins other than the above.
See table 25.3, Permitted Output Current Values.
Figure 25.33 Output Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com