Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 821 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 821 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 817Page - Renesas Technology Corp SH7041A Datasheet HTML 818Page - Renesas Technology Corp SH7041A Datasheet HTML 819Page - Renesas Technology Corp SH7041A Datasheet HTML 820Page - Renesas Technology Corp SH7041A Datasheet HTML 821Page - Renesas Technology Corp SH7041A Datasheet HTML 822Page - Renesas Technology Corp SH7041A Datasheet HTML 823Page - Renesas Technology Corp SH7041A Datasheet HTML 824Page - Renesas Technology Corp SH7041A Datasheet HTML 825Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 821 / 923 page
background image
783
Table 26.2
DC Characteristics (Conditions: V
CC = 3.0
*1 to 3.6V, AV
CC = 3.0
*1 to 3.6V, AV
CC
= V
CC ± 10%, AVref = 3.0
*1 to AV
CC, VSS = AVSS = 0V, Ta = –20 to +75°C) (cont)
Item
Pin
Symbol Min
Typ Max
Unit
Measurement
Conditions
Output
All output pins
V
OH
V
CC– 0.5
——
VI
OH = –200 µA
high-level
voltage
V
CC– 1.0
—
—
V
I
OH =
–1mA
Output low-
level
voltage
All output pins
V
OL
—
—
0.4
V
I
OL= 1.6mA
Input
RES
C
in
——
80*
2
pF
Vin= 0V
capaci-
NMI
—
—
50
pF
f = 1 MHz
tance
All other input
pins
—
—
20
pF
Ta = 25
°C
Current
consump-
During normal
operations
I
CC
—
80
130
mA
f = 16.7MHz
tion
During sleep
mode
—
70
110
mA
f = 16.7MHz
During standby
mode
—
0.01 5
µA Ta ≤ 50°C
——
20
µA 50°C < Ta
Analog
supply
AI
CC
—4
8
mA
f = 16.7MHz
current
AI
ref
—
0.5
1*
3
mA
QFP144 version only
RAM
standby
voltage
V
RAM
2.0
—
—
V
Notes: 1. Do not release AV
CC, AVSS and AVref (SH7041, SH7043 and SH7045 only) pins when not
using the A/D converter (including standby).
Connect AV
CC (SH7041,SH7043,SH7045 only) and AVref (SH7041, SH7043 and
SH7045 only) pins to V
CC and AVSS pin to VSS.
2. The value for consumed current is with conditions of V
IHmin = VCC – 0.5V and VILmax =
0.5V, with no burden on any of the output pins.
3. The ZTAT and mask versions have the same functions, and the electrical
characteristics of both are within specification, but characteristic-related performance
values, operating margins, noise margins, noise emission, etc., are different. Caution is
therefore required in carrying out system design, and when switching between ZTAT
and mask versions.
*1 SH7042/43 ZTAT (excluding A mask) are 3.2 V.
*2 110pF for A mask
*3 2 mA in the A mask version of MASK products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com