Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 822 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 822 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 818Page - Renesas Technology Corp SH7041A Datasheet HTML 819Page - Renesas Technology Corp SH7041A Datasheet HTML 820Page - Renesas Technology Corp SH7041A Datasheet HTML 821Page - Renesas Technology Corp SH7041A Datasheet HTML 822Page - Renesas Technology Corp SH7041A Datasheet HTML 823Page - Renesas Technology Corp SH7041A Datasheet HTML 824Page - Renesas Technology Corp SH7041A Datasheet HTML 825Page - Renesas Technology Corp SH7041A Datasheet HTML 826Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 822 / 923 page
background image
784
Table 26.3
Permitted Output Current Values (Conditions: V
CC = 3.0
* to 3.6V, AV
CC = 3.0
*
to 3.6V, AV
CC = VCC ± 10%, AVref = 3.0
* to AV
CC, VSS = AVSS = 0V, Ta = –20 to
+75
°C)
Item
Symbol
Min
Typ
Max
Unit
Output low-level permissible current (per pin)
I
OL
—
—
2.0
mA
Output low-level permissible current (total)
∑ I
OL
——80
mA
Output high-level permissible current (per pin)
–I
OH
—
—
2.0
mA
Output high-level permissible current (total)
∑ (–I
OH)
——25
mA
Notes: To assure LSI reliability, do not exceed the output values listed in this table.
*
SH7042/43 ZTAT (excluding A mask) are 3.2V.
26.3
AC Characteristics
26.3.1
Clock Timing
Table 26.4 Clock Timing (Conditions: V
CC = 3.0
* to 3.6V, AV
CC = 3.0
* to 3.6V, AV
CC = VCC ±
10%, AV
ref = 3.0
* to AV
CC, VSS = AVSS = 0V, Ta = –20 to +75°C)
Item
Symbol
Min
Max
Unit
Figures
Operating frequency
f
OP
4
16.7
MHz
26.1
Clock cycle time
t
cyc
60
250
ns
Clock low-level pulse width
t
CL
10
—
ns
Clock high-level pulse width
t
CH
10
—
ns
Clock rise time
t
CR
—5
ns
Clock fall time
t
CF
—5
ns
EXTAL clock input frequency
f
EX
4
10
MHz
26.2
EXTAL clock input cycle time
t
EXcyc
100
250
ns
EXTAL clock low-level input pulse width
t
EXL
40
—
ns
EXTAL clock high-level input pulse width
t
EXH
40
—
ns
EXTAL clock input rise time
t
EXR
—5
ns
EXTAL clock input fall time
t
EXF
—5
ns
Reset oscillation settling time
t
OSC1
10
—
ms
26.3
Standby return clock settling time
t
OSC2
10
—
ms
Note: * SH7042/43 ZTAT (excluding A mask) are 3.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com