Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 846 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 846 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 842Page - Renesas Technology Corp SH7041A Datasheet HTML 843Page - Renesas Technology Corp SH7041A Datasheet HTML 844Page - Renesas Technology Corp SH7041A Datasheet HTML 845Page - Renesas Technology Corp SH7041A Datasheet HTML 846Page - Renesas Technology Corp SH7041A Datasheet HTML 847Page - Renesas Technology Corp SH7041A Datasheet HTML 848Page - Renesas Technology Corp SH7041A Datasheet HTML 849Page - Renesas Technology Corp SH7041A Datasheet HTML 850Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 846 / 923 page
background image
808
26.3.10
Mid-speed Converter Timing (A mask)
Table 26.14 Mid-speed A/D Converter Timing (Conditions:V
CC = 3.0
* to 3.6V, AV
CC = 3.0
*
to 3.6V, AV
CC = VCC ± 10%, AVref = 3.0
* to AV
CC, VSS = AVSS = 0V, Ta = –20 to
+75
°C)
Item
Symbol Min
Typ
Max
Unit
Figure
External trigger input pulse width
t
TRGW
2—
—
t
cyc
26.31
External trigger input start delay time
t
TRGS
50
—
—
ns
A/D conversion start delay time
CKS = 0
t
D
10
—
17
t
cyc
26.32
CKS = 1
6
—
9
Input sampling time
CKS = 0
t
SPL
—64
—
CKS = 1
—
32
—
A/D conversion time
CKS = 0
t
CONV
259
—
266
CKS = 1
131
—
134
Note: * SH7042/43 ZTAT (excluding A mask) are 3.2V.
tTRGS
CK
ADST
tTRGW
tTRGW
ADTRG input
1 state
Figure 26.31 External Trigger Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com