Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 848 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 848 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 844Page - Renesas Technology Corp SH7041A Datasheet HTML 845Page - Renesas Technology Corp SH7041A Datasheet HTML 846Page - Renesas Technology Corp SH7041A Datasheet HTML 847Page - Renesas Technology Corp SH7041A Datasheet HTML 848Page - Renesas Technology Corp SH7041A Datasheet HTML 849Page - Renesas Technology Corp SH7041A Datasheet HTML 850Page - Renesas Technology Corp SH7041A Datasheet HTML 851Page - Renesas Technology Corp SH7041A Datasheet HTML 852Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 848 / 923 page
background image
810
26.3.11
Measurement Conditions for AC Characteristic
• Input reference levels:
 High level: 2.2 V
 Low level: 0.8 V
• Output reference levels:
 High level: 2.0 V
 Low level: 0.8 V
IOL
Vref
CL
IOH
V
LSI
output pin
DUT output
CL is set with the following pins, including the total capacitance of the
measurement equipment etc:
Note:
30 pF:
50 pF:
70 pF:
IOL, IOH:
CK,
RAS, CASxx, RDWR, CS0–CS3, AH, BREQ, BACK, DACK0,
DACK1, and
IRQOUT
A21–A0, D31–D0,
RD, WRxx
Port output and peripheral module output pins other than the above.
See table 26.3, Permitted Output Current Values.
Figure 26.33 Output Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com