Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 149Page - Renesas Technology Corp SH7041A Datasheet HTML 150Page - Renesas Technology Corp SH7041A Datasheet HTML 151Page - Renesas Technology Corp SH7041A Datasheet HTML 152Page - Renesas Technology Corp SH7041A Datasheet HTML 153Page - Renesas Technology Corp SH7041A Datasheet HTML 154Page - Renesas Technology Corp SH7041A Datasheet HTML 155Page - Renesas Technology Corp SH7041A Datasheet HTML 156Page - Renesas Technology Corp SH7041A Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 923 page
background image
115
Table 6.5
Interrupt Response Time
Number of States
Item
NMI, Peripheral
Module
IRQ
Notes
DMAC/DTC active
judgment
0 or 1
1
1 state required for interrupt
signals for which
DMAC/DTC activation is
possible
Compare identified inter-
rupt priority with SR mask
level
23
Wait for completion of
sequence currently being
executed by CPU
X (
≥ 0)
The longest sequence is for
interrupt or address-error
exception processing (X = 4
+ m1 + m2 + m3 + m4). If an
interrupt-masking instruction
follows, however, the time
may be even longer.
Time from start of interrupt
exception processing until
fetch of first instruction of
exception service routine
starts
5 + m1 + m2 + m3
Performs the PC and SR
saves and vector address
fetch.
Interrupt
Total: 7 + m1 + m2 + m3
9 + m1 + m2 + m3
response
Minimum:
10
12
0.35–0.42 µs at 28.7 MHz
time
Maximum:
12 + 2 (m1 + m2 +
m3) + m4
13 + 2 (m1 + m2 +
m3) + m4
0.67–0.70 µs at 28.7 MHz*
Note: * When m1 = m2 = m3 = m4 = 1
m1–m4 are the number of states needed for the following memory accesses.
m1: SR save (longword write)
m2: PC save (longword write)
m3: Vector address read (longword read)
m4: Fetch first instruction of interrupt service routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com