Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 150Page - Renesas Technology Corp SH7041A Datasheet HTML 151Page - Renesas Technology Corp SH7041A Datasheet HTML 152Page - Renesas Technology Corp SH7041A Datasheet HTML 153Page - Renesas Technology Corp SH7041A Datasheet HTML 154Page - Renesas Technology Corp SH7041A Datasheet HTML 155Page - Renesas Technology Corp SH7041A Datasheet HTML 156Page - Renesas Technology Corp SH7041A Datasheet HTML 157Page - Renesas Technology Corp SH7041A Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 923 page
background image
116
FD E
ME
E
MM E
EE
FD
F
3
1
3
Interrupt acceptance
IRQ
m1 m2 1 m3 1
5 + m1 + m2 + m3
Instruction (instruction
replaced by interrupt
exception processing)
Overrun fetch
Interrupt service routine
start instruction
F:
D:
E:
M:
Instruction fetch (instruction fetched from memory where program is stored).
Instruction decoding (fetched instruction is decoded).
Instruction execution (data operation and address calculation is performed
according to the results of decoding).
Memory access (data in memory is accessed).
Figure 6.5 Pipeline when an IRQ Interrupt is Accepted
6.6
Data Transfer with Interrupt Request Signals
The following data transfers can be done using interrupt request signals:
• Activate DMAC only, without generating CPU interrupt
• Activate DTC only, CPU interrupts according to DTC settings
Among interrupt sources, those designated as DMAC activating sources are masked and not input
to the INTC. The masking condition is listed below:
Mask condition = DME • (DE0 • source selection 0 + DE1
× source selection 1 + DE2 •
source selection 2 + DE3 • source selection 3)
The INTC masks CPU interrupts when the corresponding DTE bit is a 1. The DTE clear condition
and interrupt source flag clear condition are listed below.
DTE clear condition = DTC transfer end • DTECLR
Interrupt source flag clear condition = DTC transfer end •
DTECLR + DMAC transfer end
Where: DTECLR = DISEL + counter 0.
Figure 6.6 shows a control block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com