Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 184Page - Renesas Technology Corp SH7041A Datasheet HTML 185Page - Renesas Technology Corp SH7041A Datasheet HTML 186Page - Renesas Technology Corp SH7041A Datasheet HTML 187Page - Renesas Technology Corp SH7041A Datasheet HTML 188Page - Renesas Technology Corp SH7041A Datasheet HTML 189Page - Renesas Technology Corp SH7041A Datasheet HTML 190Page - Renesas Technology Corp SH7041A Datasheet HTML 191Page - Renesas Technology Corp SH7041A Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 923 page
background image
150
The total transfer count is specified between 1 and 256. When the specified number of transfers
ends, the address register of the designated repeat area is returned to its initial state and the transfer
is repeated. Other address registers are consecutively incremented, decremented, or remain fixed.
While DISEL = 0, no interrupt request is made to the CPU, even if the transfer with DTCRAL = 1
ends.
Pulses for driving the stepping motor can be output. Table 8.4 shows the register functions for
repeat mode.
Table 8.4
Repeat Mode Register Functions
Values Written Back upon a
Transfer Information Write
Register
Function
When DTCRA is
other than 1
When DTCRA is 1
DTMR
Operation mode
control
DTMR
DTMR
DTCRAH
Transfer count
maintenance
DTCRAH
DTCRAH
DTCRAL
Transfer count
DTCRAL – 1
DTCRAH
DTIAR
Initial address
(Not written back)
(Not written back)
DTSAR
Transfer source
address
Increment/decrement/
fixed
(DTS = 0) Increment/
decrement/ fixed
(DTS = 1) DTIAR
DTDAR
Transfer destination
address
Increment/decrement/
fixed
(DTS = 0) DTIAR
(DTS = 1) Increment/
decrement/ fixed
8.3.7
Block Transfer Mode
Performs the transfer of one block for each one activation. Either the transfer source or transfer
destination is designated as the block area.
The block length is specified between 1 and 65536. When a 1-block transfers ends, the address
register of the designated block area is returned to its initial state. Other address registers are
consecutively incremented, decremented, or remain fixed. The block transfer count is 1 to 65536.
An interrupt request is generated to the CPU when the transfer with DTCRA = 1 ends.
A/D converter group mode transfers and phase compensation PWM data transfers are possible.
Table 8.5 shows the register functions for block transfer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com