Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 186Page - Renesas Technology Corp SH7041A Datasheet HTML 187Page - Renesas Technology Corp SH7041A Datasheet HTML 188Page - Renesas Technology Corp SH7041A Datasheet HTML 189Page - Renesas Technology Corp SH7041A Datasheet HTML 190Page - Renesas Technology Corp SH7041A Datasheet HTML 191Page - Renesas Technology Corp SH7041A Datasheet HTML 192Page - Renesas Technology Corp SH7041A Datasheet HTML 193Page - Renesas Technology Corp SH7041A Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 923 page
background image
152
Table 8.6
Execution State of DTC
Mode
Vector Read I
Register
Information
Read/Write J
Data Read K
Data Write L
Internal
Operation M
Normal
1
7
1
1
1
Repeat
1
7
1
1
1
Block transfer
1
7
N
N
1
Note:
N: block size (default set values of DTCRB)
Table 8.7
State Counts Needed for Execution State
Access Objective
On-
chip
RAM
On-
chip
ROM
Internal I/O
Register
External Device
Bus width
32
32
32
8
16
32
Access
state
11
2*
1
3*
2
22
2
Execution
Vector read
S
I
—1
—
4
2
2
state
Register information
read/write
S
J
11
—
8
4
2
Byte data read
S
K
11
23
22
2
Word data read
S
K
11
23
42
2
Long word data read
S
K
11
46
84
2
Byte data write
S
L
11
23
22
2
Word data write
S
L
11
23
42
2
Long word write
S
L
11
46
84
2
Internal operation
S
M
1
Notes: *1 Two state access module : port, INT, CMT, SCI, etc.
*2 Three state access module : WDT, CACHE, UBC, etc.
The execution state count is calculated using the following formula.
∑ indicates the number of
transfers by one activating source (count + 1 when CHNE bit is 1).
Execution state count = I · S
I + ∑ (J · SJ + K · SK + L · SL) + M · SM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com