Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 275 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 275 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 271Page - Renesas Technology Corp SH7041A Datasheet HTML 272Page - Renesas Technology Corp SH7041A Datasheet HTML 273Page - Renesas Technology Corp SH7041A Datasheet HTML 274Page - Renesas Technology Corp SH7041A Datasheet HTML 275Page - Renesas Technology Corp SH7041A Datasheet HTML 276Page - Renesas Technology Corp SH7041A Datasheet HTML 277Page - Renesas Technology Corp SH7041A Datasheet HTML 278Page - Renesas Technology Corp SH7041A Datasheet HTML 279Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 923 page
background image
237
CK
A21–A0
CSn
D15–D0
DACK
WRH
WRL
Address output to external memory space
Data that is output from the external
device with DACK
DACK signal to external devices with
DACK (active low)
WR signal to external memory space
a. External device with DACK to external memory space
CK
A21–A0
CSn
D15–D0
RD
Address output to external memory space
Data that is output from external memory space
RD signal to external memory space
DACK signal to external device with DACK
(active low)
DACK
b. External memory space to external device with DACK
Figure 11.6 Example of DMA Transfer Timing in the Single Address Mode
11.3.6
Dual Address Mode
Dual address mode is used for access of both the transfer source and destination by address.
Transfer source and destination can be accessed either internally or externally. Dual address mode
is subdivided into two other modes: direct address transfer mode and indirect address transfer
mode.
Direct Address Transfer Mode: Data is read from the transfer source during the data read cycle,
and written to the transfer destination during the write cycle, so transfer is conducted in two bus
cycles. At this time, the transfer data is temporarily stored in the DMAC. With the kind of external
memory transfer shown in figure 11.7, data is read from one of the memories by the DMAC
during a read cycle, then written to the other external memory during the subsequent write cycle.
Figure 11.8 shows the timing for this operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com