Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 269Page - Renesas Technology Corp SH7041A Datasheet HTML 270Page - Renesas Technology Corp SH7041A Datasheet HTML 271Page - Renesas Technology Corp SH7041A Datasheet HTML 272Page - Renesas Technology Corp SH7041A Datasheet HTML 273Page - Renesas Technology Corp SH7041A Datasheet HTML 274Page - Renesas Technology Corp SH7041A Datasheet HTML 275Page - Renesas Technology Corp SH7041A Datasheet HTML 276Page - Renesas Technology Corp SH7041A Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 923 page
background image
235
11.3.4
DMA Transfer Types
The DMAC supports the transfers shown in table 11.5. It can operate in the single address mode,
in which either the transfer source or destination is accessed using an acknowledge signal, or dual
access mode, in which both the transfer source and destination addresses are output. The dual
access mode consists of a direct address mode, in which the output address value is the object of a
direct data transfer, and an indirect address mode, in which the output address value is not the
object of the data transfer, but the value stored at the output address becomes the transfer object
address. The actual transfer operation timing varies with the bus mode. The DMAC has two bus
modes: cycle-steal mode and burst mode.
Table 11.5
Supported DMA Transfers
Destination
Source
External Device
with DACK
External
Memory
Memory-
Mapped
External
Device
On-Chip
Memory
On-Chip
Peripheral
Module
External device with DACK Not available
Single
Single
Not available
Not available
External memory
Single
Dual
Dual
Dual
Dual
Memory-mapped external
device
Single
Dual
Dual
Dual
Dual
On-chip memory
Not available
Dual
Dual
Dual
Dual
On-chip peripheral module
Not available
Dual
Dual
Dual
Dual
Notes: 1. Single: Single address mode
2. Dual: Dual address mode; includes both direct address mode and indirect address
mode.
11.3.5
Address Modes
Single Address Mode: In the single address mode, both the transfer source and destination are
external; one (selectable) is accessed by a DACK signal while the other is accessed by an address.
In this mode, the DMAC performs the DMA transfer in 1 bus cycle by simultaneously outputting a
transfer request acknowledge DACK signal to one external device to access it while outputting an
address to the other end of the transfer. Figure 11.5 shows an example of a transfer between an
external memory and an external device with DACK in which the external device outputs data to
the data bus while that data is written in external memory in the same bus cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com