Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 265Page - Renesas Technology Corp SH7041A Datasheet HTML 266Page - Renesas Technology Corp SH7041A Datasheet HTML 267Page - Renesas Technology Corp SH7041A Datasheet HTML 268Page - Renesas Technology Corp SH7041A Datasheet HTML 269Page - Renesas Technology Corp SH7041A Datasheet HTML 270Page - Renesas Technology Corp SH7041A Datasheet HTML 271Page - Renesas Technology Corp SH7041A Datasheet HTML 272Page - Renesas Technology Corp SH7041A Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 923 page
background image
231
transfers are enabled (DE = 1, DME = 1, TE = 0, NMIF = 0, AE = 0), a transfer is performed upon
the input of a transfer request signal.
The transfer request source need not be the data transfer source or transfer destination. However,
when the transfer request is set by RxI (transfer request because SCI’s receive data is full), the
transfer source must be the SCI’s receive data register (RDR). When the transfer request is set by
TxI (transfer request because SCI’s transmit data is empty), the transfer destination must be the
SCI’s transmit data register (TDR). Also, if the transfer request is set to the A/D converter, the
data transfer destination must be the A/D converter register.
Table 11.4
Selecting On-Chip Peripheral Module Request Modes with the RS Bits
RS3 RS2 RS1 RS0
DMAC Transfer
Request Source
DMA Transfer
Request Signal Source
Destin-
ation
Bus Mode
0110
MTU*
2
TGI0A
Any*
1
Any*
1
Burst/cycle steal
0111
MTU*
2
TGI1A
Any*
1
Any*
1
Burst/cycle steal
1000
MTU*
2
TGI2A
Any*
1
Any*
1
Burst/cycle steal
1001
MTU*
2
TGI3A
Any*
1
Any*
1
Burst/cycle steal
1010
MTU*
2
TGI4A
Any*
1
Any*
1
Burst/cycle steal
1011
A/D
ADI*
5
ADDR*
4 Any*1
Burst/cycle steal
1100
SCI0*
3 transmit blockTxI0
Any*
1
TDR0
Burst/cycle steal
1101
SCI0*
3 transmit blockRxI0
RDR0
Any*
1
Burst/cycle steal
1110
SCI1*
3 transmit blockTxI1
Any*
1
TDR1
Burst/cycle steal
1111
SCI1*
3 transmit blockRxI1
RDR1
Any*
1
Burst/cycle steal
Notes: *1 External memory, memory-mapped external device, on-chip memory, on-chip
peripheral module (excluding DMAC, DTC, BSC, UBC).
*2 MTU: Multifunction timer pulse unit.
*3 SCI0, SCI1: Serial communications interface.
*4 ADDR0, ADDR1: A/D converter’s A/D register.
*5 ADI1 for A mask.
In order to output a transfer request from an on-chip peripheral module, set the relevant interrupt
enable bit for each module, and output an interrupt signal.
When an on-chip peripheral module’s interrupt request signal is used as a DMA transfer request
signal, interrupts for the CPU are not generated.
When a DMA transfer is conducted corresponding with one of the transfer request signals in table
11.4, it is automatically discontinued. In cycle steal mode this occurs in the first transfer, and in
burst mode with the last transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com