Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 262Page - Renesas Technology Corp SH7041A Datasheet HTML 263Page - Renesas Technology Corp SH7041A Datasheet HTML 264Page - Renesas Technology Corp SH7041A Datasheet HTML 265Page - Renesas Technology Corp SH7041A Datasheet HTML 266Page - Renesas Technology Corp SH7041A Datasheet HTML 267Page - Renesas Technology Corp SH7041A Datasheet HTML 268Page - Renesas Technology Corp SH7041A Datasheet HTML 269Page - Renesas Technology Corp SH7041A Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 923 page
background image
228
• Bit 0—DMAC Master Enable (DME): This bit enables activation of the entire DMAC. When
the DME bit and DE bit of the CHCR for the corresponding channel are set to 1, that channel
is transfer-enabled. If this bit is cleared during a data transfer, transfers on all channels are
suspended.
Even when the DME bit is set, when the TE bit of the CHCR is 1, or its DE bit is 0, transfer is
disabled in the case of an NMI of the DMAOR or when AE = 1.
Bit 0: DME
Description
0
Disable operation on all channels (initial value)
1
Enable operation on all channels
11.3
Operation
When there is a DMA transfer request, the DMAC starts the transfer according to the
predetermined channel priority order; when the transfer end conditions are satisfied, it ends the
transfer. Transfers can be requested in three modes: auto-request, external request, and on-chip
peripheral module request. Transfer can be in either the single address mode or the dual address
mode, and dual address mode can be either direct or indirect address transfer mode. The bus mode
can be either burst or cycle steal.
11.3.1
DMA Transfer Flow
After the DMA source address registers (SAR), DMA destination address registers (DAR), DMA
transfer count register (DMATCR), DMA channel control registers (CHCR), and DMA operation
register (DMAOR) are set to the desired transfer conditions, the DMAC transfers data according
to the following procedure:
1. The DMAC checks to see if transfer is enabled (DE = 1, DME = 1, TE = 0, NMIF = 0,
AE = 0).
2. When a transfer request comes and transfer has been enabled, the DMAC transfers 1 transfer
unit of data (determined by TS0 and TS1 setting). For an auto-request, the transfer begins
automatically when the DE bit and DME bit are set to 1. The DMATCR value will be
decremented by 1 upon each transfer. The actual transfer flows vary by address mode and bus
mode.
3. When the specified number of transfers have been completed (when DMATCR reaches 0), the
transfer ends normally. If the IE bit of the CHCR is set to 1 at this time, a DEI interrupt is sent
to the CPU.
4. When an address error occurs in the DMAC or an NMI interrupt is generated, the transfer is
aborted. Transfers are also aborted when the DE bit of the CHCR or the DME bit of the
DMAOR are changed to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com