Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 260Page - Renesas Technology Corp SH7041A Datasheet HTML 261Page - Renesas Technology Corp SH7041A Datasheet HTML 262Page - Renesas Technology Corp SH7041A Datasheet HTML 263Page - Renesas Technology Corp SH7041A Datasheet HTML 264Page - Renesas Technology Corp SH7041A Datasheet HTML 265Page - Renesas Technology Corp SH7041A Datasheet HTML 266Page - Renesas Technology Corp SH7041A Datasheet HTML 267Page - Renesas Technology Corp SH7041A Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 923 page
background image
226
• Bit 0—DMAC Enable (DE): DE enables operation in the corresponding channel.
Bit 0: DE
Description
0
Operation of the corresponding channel disabled (initial value)
1
Operation of the corresponding channel enabled
Transfer mode is entered if this bit is set to 1 when auto-request is specified (RS3–RS0 settings).
With an external request or on-chip module request, when a transfer request occurs after this bit is
set to 1, transfer is enabled. If this bit is cleared during a data transfer, transfer is suspended.
If the DE bit has been set, but TE = 1, then if the DME bit of the DMAOR is 0, and the NMI or
AE bit of the DMAOR is 1, transfer enable mode is not entered.
11.2.5
DMAC Operation Register (DMAOR)
The DMAOR is a 16-bit read/write register that specifies the transfer mode of the DMAC
Register values are initialized to 0 during power-on reset or in software standby mode. Manual
reset does not initialize DMAOR.
Bit:
15
14
13
12
11
10
9
8
—
—
—
—
—
—
PR1
PR0
Initial value:
—
—
—
—
—
—
0
0
R/W:
R
R
R
R
R
R
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
—
—
—
—
—
AE
NMIF
DME
Initial value:
—
—
—
—
—
—
0
0
R/W:
R
R
R
R
R
R/(W)*
R/(W)*
R
Note: * 0 write only is valid after 1 is read at the AE and NMIF bits.
• Bits 15–10—Reserved bits: Data are 0 when read. The write value always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com