Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 256Page - Renesas Technology Corp SH7041A Datasheet HTML 257Page - Renesas Technology Corp SH7041A Datasheet HTML 258Page - Renesas Technology Corp SH7041A Datasheet HTML 259Page - Renesas Technology Corp SH7041A Datasheet HTML 260Page - Renesas Technology Corp SH7041A Datasheet HTML 261Page - Renesas Technology Corp SH7041A Datasheet HTML 262Page - Renesas Technology Corp SH7041A Datasheet HTML 263Page - Renesas Technology Corp SH7041A Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 923 page
background image
222
• Bit 19—Source Address Reload (RO): Selects whether to reload the source address initial
value during channel 2 transfer. This bit is valid only for channel 2. It always reads 0 for
CHCR0, CHCR1, and CHCR3, and cannot be modified.
Bit 19: RO
Description
0
Does not reload source address (initial value)
1
Reloads source address
• Bit 18—Request Check Level (RL): Selects whether to output DRAK notifying external
device of
DREQ received, with active high or active low. This bit is valid only for CHCR0 and
CHCR1. It always reads 0 for CHCR2 and CHCR3, and cannot be modified.
Bit 18: RL
Description
0
Output DRAK with active high (initial value)
1
Output DRAK with active low
• Bit 17—Acknowledge Mode (AM): In dual address mode, selects whether to output DACK in
the data write cycle or data read cycle. In single address mode, DACK is always output
irrespective of the setting of this bit. This bit is valid only for CHCR0 and CHCR1. It always
reads as 0 for CHCR2 and CHCR3, and cannot be modified.
Bit 17: AM
Description
0
Outputs DACK during read cycle (initial value)
1
Outputs DACK during write cycle
• Bit 16—Acknowledge Level (AL): Specifies whether to set DACK (acknowledge) signal
output to active high or active low. This bit is valid only with CHCR0 and CHCR1. It always
reads as 0 for CHCR2 and CHCR3, and cannot be modified.
Bit 16: AL
Description
0
Active high output (initial value)
1
Active low output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com