Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 255Page - Renesas Technology Corp SH7041A Datasheet HTML 256Page - Renesas Technology Corp SH7041A Datasheet HTML 257Page - Renesas Technology Corp SH7041A Datasheet HTML 258Page - Renesas Technology Corp SH7041A Datasheet HTML 259Page - Renesas Technology Corp SH7041A Datasheet HTML 260Page - Renesas Technology Corp SH7041A Datasheet HTML 261Page - Renesas Technology Corp SH7041A Datasheet HTML 262Page - Renesas Technology Corp SH7041A Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 923 page
background image
221
11.2.4
DMA Channel Control Registers 0–3 (CHCR0–CHCR3)
DMA channel control registers 0–3 (CHCR0–CHCR3) is a 32-bit read/write register where the
operation and transmission of each channel is designated. They are initialized by a power-on reset
and in software standby mode. There is no initializing with manual reset.
Bit:
31
30
29
28
27
26
25
24
——
——
———
—
Initial value:
—
—
—
—
—
—
—
—
R/W:
R
R
R
R
R
R
R
R
Bit:
23
22
21
20
19
18
17
16
——
—
DI*
2
RO*
2
RL*
2
AM*
2
AL*
2
Initial value:
—
—
—
0
0
0
0
0
R
R
R
(R/W)
(R/W)
(R/W)
(R/W)
(R/W)
Bit:
15
14
13
12
11
10
9
8
DM1
DM0
SM1
SM0
RS3
RS2
RS1
RS0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
—DS*
2
TM
TS1
TS0
IE
TE
DE
Initial value:
—
0
0
0
0
0
0
0
R/W:
R
(R/W)
R/W
R/W
R/W
R/W
R/(W) *
1
R/W
Notes: *1 TE bit: Allows only 0 write after reading 1.
*2 The DI, RO, RL, AM, AL, or DS bit may be absent, depending on the channel.
• Bits 31–21—Reserved bits: Data are 0 when read. The write value always be 0.
• Bit 20—Direct/Indirect (DI): Specifies either direct address mode operation or indirect address
mode operation for channel 3 source address. This bit is valid only in CHCR3. It always reads
0 for CHCR0–CHCR2, and cannot be modified.
Bit 20: DI
Description
0
Direct access mode operation for channel 3 (initial value)
1
Indirect access mode operation for channel 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com