Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 252Page - Renesas Technology Corp SH7041A Datasheet HTML 253Page - Renesas Technology Corp SH7041A Datasheet HTML 254Page - Renesas Technology Corp SH7041A Datasheet HTML 255Page - Renesas Technology Corp SH7041A Datasheet HTML 256Page - Renesas Technology Corp SH7041A Datasheet HTML 257Page - Renesas Technology Corp SH7041A Datasheet HTML 258Page - Renesas Technology Corp SH7041A Datasheet HTML 259Page - Renesas Technology Corp SH7041A Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 923 page
background image
218
Table 11.2
DMAC Registers (cont)
Chan-
nel
Name
Abbrevi-
ation
R/W
Initial
Value
Address
Register
Size
Access
Size
2
(cont)
DMA transfer count
register 2
DMATCR2 R/W
Undefined
H'FFFF86E8 32 bit
16, 32*
3
DMA channel control
register 2
CHCR2
R/W*
1
H'00000000 H'FFFF86EC 32 bit
16, 32*
2
3
DMA source address
register 3
SAR3
R/W
Undefined
H'FFFF86F0 32 bit
16, 32*
2
DMA destination
address register 3
DAR3
R/W
Undefined
H'FFFF86F4 32 bit
16, 32*
2
DMA transfer count
register 3
DMATCR3 R/W
Undefined
H'FFFF86F8 32 bit
16, 32*
3
DMA channel control
register 3
CHCR3
R/W*
1
H'00000000 H'FFFF86FC 32 bit
16, 32*
2
Shared DMA operation
register
DMAOR
R/W*
1
H'0000
H'FFFF86B0 16 bit
16, 32*
4
Notes: Do not attempt to access an empty address. If an access is attemped, the system
operation is not guarenteed.
*1 Write 0 after reading 1 in bit 1 of CHCR0–CHCR3 and in bits 1 and 2 of the DMAOR to
clear flags. No other writes are allowed.
*2 For 16-bit access of SAR0–SAR3, DAR0–DAR3, and CHCR0–CHCR3, the 16-bit value
on the side not accessed is held.
*3 DMATCR has a 24-bit configuration: bits 0–23. Writing to the upper 8 bits (bits 24–31)
is invalid, and these bits always read 0.
*4 Do not make 32-bit access for DMAOR.
11.2
Register Descriptions
11.2.1
DMA Source Address Registers 0–3 (SAR0–SAR3)
DMA source address registers 0–3 (SAR0–SAR3) are 32-bit read/write registers that specify the
source address of a DMA transfer. These registers have a count function, and during a DMA
transfer, they indicate the next source address. In single-address mode, SAR values are ignored
when a device with DACK has been specified as the transfer source.
Specify a 16-bit or 32-bit boundary address when doing 16-bit or 32-bit data transfers. Operation
cannot be guaranteed on any other addresses.
The initial value after power-on resets or in software standby mode is undefined. These registers
are not initialized with manual reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com