Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 248Page - Renesas Technology Corp SH7041A Datasheet HTML 249Page - Renesas Technology Corp SH7041A Datasheet HTML 250Page - Renesas Technology Corp SH7041A Datasheet HTML 251Page - Renesas Technology Corp SH7041A Datasheet HTML 252Page - Renesas Technology Corp SH7041A Datasheet HTML 253Page - Renesas Technology Corp SH7041A Datasheet HTML 254Page - Renesas Technology Corp SH7041A Datasheet HTML 255Page - Renesas Technology Corp SH7041A Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 923 page
background image
214
 Channel 3: Dual address mode only. Direct address transfer mode and indirect address
transfer mode selectable.
• Reload function: Enables automatic reloading of the value set in the first source address
register every fourth DMA transfer. This function can be executed on channel 2 only.
• Transfer requests: There are three DMAC transfer activation requests, as indicated below.
 External request: From two DREQ pins. DREQ can be detected either by falling edge or by
low level. External requests can only be received on channels 0 or 1.
 Requests from on-chip peripheral modules: Transfer requests from on-chip modules such as
SCI or A/D. These can be received by all channels.
 Auto-request: The transfer request is generated automatically within the DMAC.
• Selectable bus modes: Cycle-steal mode or burst mode
• Two types of DMAC channel priority ranking:
 Fixed priority mode: Always fixed
 Round robin mode: Sets the lowest priority level for the channel that received the execution
request last
• CPU can be interrupted when the specified number of data transfers are complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com