Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 248 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 248 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 244Page - Renesas Technology Corp SH7041A Datasheet HTML 245Page - Renesas Technology Corp SH7041A Datasheet HTML 246Page - Renesas Technology Corp SH7041A Datasheet HTML 247Page - Renesas Technology Corp SH7041A Datasheet HTML 248Page - Renesas Technology Corp SH7041A Datasheet HTML 249Page - Renesas Technology Corp SH7041A Datasheet HTML 250Page - Renesas Technology Corp SH7041A Datasheet HTML 251Page - Renesas Technology Corp SH7041A Datasheet HTML 252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 923 page
background image
210
SH704x
256k
× 16 bits
DRAM
RAS
RDWR
A0
A1
A2–A10
CASHH
CASHL
AD16–AD31
RAS
WE
OE
A0–A8
UCAS
LCAS
I/O0–I/O15
I/O0–I/O15
CASH
CASL
AD0–AD15
RAS
WE
OE
A0–A8
UCAS
LCAS
Figure 10.31 32-Bit Data Bus Width DRAM Connection
10.9
On-Chip Peripheral I/O Register Access
On-chip peripheral I/O registers are accessed from the bus state controller, as shown in table 10.6.
Table 10.6
On-Chip Peripheral I/O Register Access
On-chip
Peripheral Module SCI
MTU,
POE
INTC
PFC,
PORT CMT
A/D*
UBC
WDT
DMAC DTC
CACHE
Connected bus
width
8bit
16bit
16bit
16bit
16bit
16bit
16bit
16bit
16bit
16bit
16bit
Access cycle
2cyc
2cyc
2cyc
2cyc
2cyc
2cyc
3cyc
3cyc
3cyc
3cyc
3cyc
Note: * A/D of A mask products are accessed in 8-bit width, 3 cyc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com