Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 249 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 249 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 245Page - Renesas Technology Corp SH7041A Datasheet HTML 246Page - Renesas Technology Corp SH7041A Datasheet HTML 247Page - Renesas Technology Corp SH7041A Datasheet HTML 248Page - Renesas Technology Corp SH7041A Datasheet HTML 249Page - Renesas Technology Corp SH7041A Datasheet HTML 250Page - Renesas Technology Corp SH7041A Datasheet HTML 251Page - Renesas Technology Corp SH7041A Datasheet HTML 252Page - Renesas Technology Corp SH7041A Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 923 page
background image
211
Cycles in which Bus is not Released
(a) One bus cycle:
The bus is never released during a single bus cycle. For example, in the case of a longword read
(or write) in 8-bit normal space, the four memory accesses to the 8-bit normal space constitute a
single bus cycle, and the bus is never released during this period. Assuming that one memory
access requires two states, the bus is not released during an 8-state period.
8 bit
8 bit
8 bit
8 bit
Cycles in which
Bus is not Released
Figure 10.32 One Bus Cycle
10.10
CPU Operation when Program is in External Memory
In the SH7040 Series, two words (equivalent to two instructions) are normally fetched in a single
instruction fetch. This is also true when the program is located in external memory, irrespective of
whether the external memory bus width is 8 or 16 bits.
If the program counter value immediately after the program branches is an odd-word (2n + 1)
address, or if the program counter value immediately before the program branches is an even-word
(2n) address, the CPU will always fetch 32 bits (equivalent to two instructions) that include the
respective word instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com