Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 251 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 251 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 247Page - Renesas Technology Corp SH7041A Datasheet HTML 248Page - Renesas Technology Corp SH7041A Datasheet HTML 249Page - Renesas Technology Corp SH7041A Datasheet HTML 250Page - Renesas Technology Corp SH7041A Datasheet HTML 251Page - Renesas Technology Corp SH7041A Datasheet HTML 252Page - Renesas Technology Corp SH7041A Datasheet HTML 253Page - Renesas Technology Corp SH7041A Datasheet HTML 254Page - Renesas Technology Corp SH7041A Datasheet HTML 255Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 923 page
background image
213
Section 11 Direct Memory Access Controller (DMAC)
11.1
Overview
The SH7040 Series includes an on-chip four-channel direct memory access controller (DMAC).
The DMAC can be used in place of the CPU to perform high-speed data transfers among external
devices equipped with DACK (transfer request acknowledge signal), external memories, memory-
mapped external devices, and on-chip peripheral modules (except for the DMAC, DTC, BSC, and
UBC). Using the DMAC reduces the burden on the CPU and increases operating efficiency of the
LSI as a whole.
11.1.1
Features
The DMAC has the following features:
• Four channels
• Four Gbytes of address space in the architecture
• Byte, word, or longword selectable data transfer unit
• 16 Mbytes (16,777,216 transfers, maximum)
• Single or dual address mode. Dual address mode can be direct or indirect address transfer.
 Single address mode: Either the transfer source or transfer destination (peripheral device) is
accessed by a DACK signal while the other is accessed by address. One transfer unit of
data is transferred in each bus cycle.
 Dual address mode: Both the transfer source and transfer destination are accessed by
address. Dual address mode can be direct or indirect address transfer.
• Direct access: Values set in a DMAC internal register indicate the accessed address for
both the transfer source and transfer destination. Two bus cycles are required for one
data transfer.
• Indirect access: The value stored at the location pointed to by the address set in the
DMAC internal transfer source register is used as the address. Operation is otherwise
the same as direct access. This function can only be set for channel 3. Four bus cycles
are required for one data transfer.
• Channel function: Transfer modes that can be set are different for each channel. (Dual address
mode indirect access can only be set for channel 1. Only direct access is possible for the other
channels.)
 Channel 0: Single or dual address mode. External requests are accepted.
 Channel 1: Single or dual address mode. External requests are accepted.
 Channel 2: Dual address mode only. Source address reload function operates every fourth
transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com