Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 263 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 259Page - Renesas Technology Corp SH7041A Datasheet HTML 260Page - Renesas Technology Corp SH7041A Datasheet HTML 261Page - Renesas Technology Corp SH7041A Datasheet HTML 262Page - Renesas Technology Corp SH7041A Datasheet HTML 263Page - Renesas Technology Corp SH7041A Datasheet HTML 264Page - Renesas Technology Corp SH7041A Datasheet HTML 265Page - Renesas Technology Corp SH7041A Datasheet HTML 266Page - Renesas Technology Corp SH7041A Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 923 page
background image
225
• Bit 5—Transfer Mode (TM): Specifies the bus mode for data transfer.
Bit 5: TM
Description
0
Cycle steal mode (initial value)
1
Burst mode
• Bits 4 and 3—Transfer Size 1, 0 (TS1, TS0): Specifies size of data for transfer.
Bit 4: TS1
Bit 3: TS0
Description
0
0
Specifies byte size (8 bits) (initial value)
0
1
Specifies word size (16 bits)
1
0
Specifies longword size (32 bits)
1
1
Prohibited
• Bit 2—Interrupt Enable (IE): When this bit is set to 1, interrupt requests are generated after the
number of data transfers specified in the DMATCR (when TE = 1).
Bit 2: IE
Description
0
Interrupt request not generated after DMATCR-specified transfer count
(initial value)
1
Interrupt request enabled on completion of DMATCR specified number
of transfers
• Bit 1—Transfer End Flag (TE): This bit is set to 1 after the number of data transfers specified
by the DMATCR. At this time, if the IE bit is set to 1, an interrupt request is generated.
If data transfer ends before TE is set to 1 (for example, due to an NMI or address error, or
clearing of the DE bit or DME bit of the DMAOR) the TE is not set to 1. With this bit set to 1,
data transfer is disabled even if the DE bit is set to 1.
Bit 1: TE
Description
0
DMATCR-specified transfer count not ended (initial value)
Clear condition: 0 write after TE = 1 read, Power-on reset, standby
mode
1
DMATCR specified number of transfers completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com