Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 261Page - Renesas Technology Corp SH7041A Datasheet HTML 262Page - Renesas Technology Corp SH7041A Datasheet HTML 263Page - Renesas Technology Corp SH7041A Datasheet HTML 264Page - Renesas Technology Corp SH7041A Datasheet HTML 265Page - Renesas Technology Corp SH7041A Datasheet HTML 266Page - Renesas Technology Corp SH7041A Datasheet HTML 267Page - Renesas Technology Corp SH7041A Datasheet HTML 268Page - Renesas Technology Corp SH7041A Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 923 page
background image
227
• Bits 9–8—Priority Mode 1 and 0 (PR1 and PR0): These bits determine the priority level of
channels for execution when transfer requests are made for several channels simultaneously.
Bit 9: PR1
Bit 8: PR0
Description
0
0
CH0
> CH1 > CH2 > CH3 (initial value)
0
1
CH0
> CH2 > CH3 > CH1
1
0
CH2
> CH0 > CH1 > CH3
1
1
Round robin mode
• Bits 7–3—Reserved bits: Data are 0 when read. The write value always be 0.
• Bit 2—Address Error Flag (AE): Indicates that an address error has occurred during DMA
transfer. If this bit is set during a data transfer, transfers on all channels are suspended. The
CPU cannot write a 1 to the AE bit. Clearing is effected by 0 write after 1 read.
Bit 2: AE
Description
0
No address error, DMA transfer enabled (initial value)
Clearing condition: Write AE = 0 after reading AE = 1
1
Address error, DMA transfer disabled
Setting condition: Address error due to DMAC
• Bit 1—NMI Flag (NMIF): Indicates input of an NMI. This bit is set irrespective of whether the
DMAC is operating or suspended. If this bit is set during a data transfer, transfers on all
channels are suspended. The CPU is unable to write a 1 to the NMIF. Clearing is effected by a
0 write after 1 read.
Bit 1: NMIF
Description
0
No NMI interrupt, DMA transfer enabled (initial value)
Clearing condition: Write NMIF = 0 after reading NMIF = 1
1
NMI has occurred, DMC transfer prohibited
Set condition: NMI interrupt occurrence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com