Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 314 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 314 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 310Page - Renesas Technology Corp SH7041A Datasheet HTML 311Page - Renesas Technology Corp SH7041A Datasheet HTML 312Page - Renesas Technology Corp SH7041A Datasheet HTML 313Page - Renesas Technology Corp SH7041A Datasheet HTML 314Page - Renesas Technology Corp SH7041A Datasheet HTML 315Page - Renesas Technology Corp SH7041A Datasheet HTML 316Page - Renesas Technology Corp SH7041A Datasheet HTML 317Page - Renesas Technology Corp SH7041A Datasheet HTML 318Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 923 page
background image
276
Table 12.1
MTU Functions (cont)
Item
Channel 0
Channel 1
Channel 2
Channel 3
Channel 4
Hard DTC
activation
TGR compare-
match or input
capture
TGR compare-
match or input
capture
TGR compare-
match or input
capture
TGR compare-
match or input
capture
TGR compare-
match or input
capture and
TCNT4
overflow/
underflow
A/D conversion start
trigger
TGR0A com-
pare match or
input capture
TGR1A com-
pare match or
input capture
TGR2A com-
pare match or
input capture
TGR3A com-
pare match or
input capture
TGR4A com-
pare match or
input capture
Interrupt sources
Compare
match/input
capture 0A
Compare
match/input
capture 1A
Compare
match/input
capture 2A
Compare
match/input
capture 3A
Compare
match/input
capture 4A
Compare
match/input
capture 0B
Compare
match/input
capture 1B
Compare
match/input
capture 2B
Compare
match/input
capture 3B
Compare
match/input
capture 4B
Compare
match/input
capture 0C
Overflow
Overflow
Compare
match/input
capture 3C
Compare
match/input
capture 4C
Compare
match/input
capture 0D
Underflow
Underflow
Compare
match/input
capture 3D
Compare
match/input
capture 4D
Overflow
—
—
Overflow
Overflow/
underflow
12.1.2
Block Diagram
Figure 12.1 is the block diagram of the MTU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com