Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 317 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 317 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 313Page - Renesas Technology Corp SH7041A Datasheet HTML 314Page - Renesas Technology Corp SH7041A Datasheet HTML 315Page - Renesas Technology Corp SH7041A Datasheet HTML 316Page - Renesas Technology Corp SH7041A Datasheet HTML 317Page - Renesas Technology Corp SH7041A Datasheet HTML 318Page - Renesas Technology Corp SH7041A Datasheet HTML 319Page - Renesas Technology Corp SH7041A Datasheet HTML 320Page - Renesas Technology Corp SH7041A Datasheet HTML 321Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 923 page
background image
279
Table 12.2
Pin Configuration (cont)
Channel Name
Pin Name I/O Function
3
Input
capture/output
compare-match 3A
TIOC3A
I/O TGR3A input capture input/output compare
output/PWM output pin
In complementary PWM/reset synchronous PWM
mode, 1/2 PWM period toggle output pin
Input
capture/output
compare-match 3B
TIOC3B
I/O TGR3B input capture input/output compare output
pin
In complementary PWM/reset synchronous PWM
mode, PWM output/U phase output pin
Input
capture/output
compare-match 3C
TIOC3C
I/O TGR3C input capture input/output compare
output/PWM output pin
In complementary PWM/reset synchronous PWM
mode
Input
capture/output
compare-match 3D
TIOC3D
I/O TGR3D input capture input/output compare output
pin
In complementary PWM/reset synchronous PWM
mode, PWM output/U phase output pin
4
Input
capture/output
compare-match 4A
TIOC4A
I/O TGR4A input capture input/output compare
output/PWM output pin
In complementary PWM/reset synchronous PWM
mode, PWM output/V phase output pin
Input
capture/output
compare-match 4B
TIOC4B
I/O TGR4B input capture input/output compare output
pin
In complementary PWM/reset synchronous PWM
mode, PWM output/W phase output pin
Input
capture/output
compare-match 4C
TIOC4C
I/O TGR4C input capture input/output compare
output/PWM output pin
In complementary PWM/reset synchronous PWM
mode, PWM output/V phase output pin
Input
capture/output
compare-match 4D
TIOC4D
I/O TGR4D input capture input/output compare output
pin
In complementary PWM/reset synchronous PWM
mode, PWM output/W phase output pin
Note:
The TIOC pins output undefined values when they are set to input capture and timer output
by the pin function controller (PFC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com