Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 319 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 319 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 315Page - Renesas Technology Corp SH7041A Datasheet HTML 316Page - Renesas Technology Corp SH7041A Datasheet HTML 317Page - Renesas Technology Corp SH7041A Datasheet HTML 318Page - Renesas Technology Corp SH7041A Datasheet HTML 319Page - Renesas Technology Corp SH7041A Datasheet HTML 320Page - Renesas Technology Corp SH7041A Datasheet HTML 321Page - Renesas Technology Corp SH7041A Datasheet HTML 322Page - Renesas Technology Corp SH7041A Datasheet HTML 323Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 923 page
background image
281
Table 12.3
Register Configuration (cont)
Chan-
nel
Name
Abbrevi-
ation
R/W
Initial
Value
Address
Access Size
(Bits)*
1
2
Timer control register 2
TCR2
R/W
H'00
H'FFFF82A0
8, 16, 32
Timer mode register 2
TMDR2
R/W
H'C0
H'FFFF82A1
Timer I/O control register 2
TIOR2
R/W
H'00
H'FFFF82A2
Timer interrupt enable
register 2
TIER2
R/W
H'40
H'FFFF82A4
Timer status register 2
TSR2
R/(W)*
2
H'C0
H'FFFF82A5
Timer counter 2
TCNT2
R/W
H'0000
H'FFFF82A6
16, 32
General register 2A
TGR2A
R/W
H'FFFF
H'FFFF82A8
General register 2B
TGR2B
R/W
H'FFFF
H'FFFF82AA
3
Timer control register 3
TCR3
R/W*
3
H'00
H'FFFF8200
8, 16, 32
Timer mode register 3
TMDR3
R/W*
3
H'C0
H'FFFF8202
Timer I/O control register 3H TIOR3H R/W*
3
H'00
H'FFFF8204
Timer I/O control register 3L TIOR3L
R/W*
3
H'00
H'FFFF8205
Timer interrupt enable
register 3
TIER3
R/W*
3
H'40
H'FFFF8208
Timer status register 3
TSR3
R/(W)*
2
H'C0
H'FFFF822C
8, 16, 32
Timer counter 3
TCNT3
R/W*
3
H'0000
H'FFFF8210
16, 32
General register 3A
TGR3A
R/W*
3
H'FFFF
H'FFFF8218
General register 3B
TGR3B
R/W*
3
H'FFFF
H'FFFF821A
General register 3C
TGR3C
R/W
H'FFFF
H'FFFF8224
16, 32
General register 3D
TGR3D
R/W
H'FFFF
H'FFFF8226
4
Timer control register 4
TCR4
R/W*
3
H'00
H'FFFF8201
8, 16, 32
Timer mode register 4
TMDR4
R/W*
3
H'C0
H'FFFF8203
Timer I/O control register 4H TIOR4H R/W*
3
H'00
H'FFFF8206
Timer I/O control register 4L TIOR4L
R/W*
3
H'00
H'FFFF8207
Timer interrupt enable
register 4
TIER4
R/W*
3
H'40
H'FFFF8209
Timer status register 4
TSR4
R/(W)*
2
H'C0
H'FFFF822D
8, 16, 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com