Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 323 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 323 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 319Page - Renesas Technology Corp SH7041A Datasheet HTML 320Page - Renesas Technology Corp SH7041A Datasheet HTML 321Page - Renesas Technology Corp SH7041A Datasheet HTML 322Page - Renesas Technology Corp SH7041A Datasheet HTML 323Page - Renesas Technology Corp SH7041A Datasheet HTML 324Page - Renesas Technology Corp SH7041A Datasheet HTML 325Page - Renesas Technology Corp SH7041A Datasheet HTML 326Page - Renesas Technology Corp SH7041A Datasheet HTML 327Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 923 page
background image
285
Bit 4:
CKEG1
Bit 3:
CKEG0 Description
0
0
Count on rising edges (initial value)
1
Count on falling edges
1
X
Count on both rising and falling edges
Notes: 1. X: 0 or 1, don’t care.
2. Internal clock edge selection is effective when the input clock is
φ/4 or slower. When ø/1
or the overflow/underflow of another channel is selected for the input clock, although
values can be written, counter operation complies with the initial value (count on rising
edges).
• Bits 2–0—Timer Prescaler 2–0 (TPSC2–TPSC0): TPSC2–TPSC0 select the counter clock
source for the TCNT. An independent clock source can be selected for each channel. Table
12.4 shows the possible settings for each channel.
Table 12.4
MTU Clock Sources
Internal Clock
Other Channel
External Clock
Chan-
nel
φ/1 φ/4
φ/
16
φ/
64
φ/
256
φ/
1024
Overflow/
Underflow
TCL
KA
TCL
KB
TCL
KC
TCL
KD
0
O
O
O
O
X
X
X
OO
OO
1
O
O
OOOX
O
O
O
X
X
2
O
O
O
O
X
O
X
OO
OX
3
O
O
OOOO
X
O
O
X
X
4
O
O
OOOO
X
O
O
X
X
Note:
Symbols: O: Setting possible
X: Setting not possible
Channel 0:
Bit 2:
TPSC2
Bit 1:
TPSC1
Bit 0:
TPSC0
Description
0
0
0
Internal clock: count with
φ/1 (initial value)
1
Internal clock: count with
φ/4
1
0
Internal clock: count with
φ/16
1
Internal clock: count with
φ/64
1
0
0
External clock: count with the TCLKA pin input
1
External clock: count with the TCLKB pin input
1
0
External clock: count with the TCLKC pin input
1
External clock: count with the TCLKD pin input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com