Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 326 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 326 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 322Page - Renesas Technology Corp SH7041A Datasheet HTML 323Page - Renesas Technology Corp SH7041A Datasheet HTML 324Page - Renesas Technology Corp SH7041A Datasheet HTML 325Page - Renesas Technology Corp SH7041A Datasheet HTML 326Page - Renesas Technology Corp SH7041A Datasheet HTML 327Page - Renesas Technology Corp SH7041A Datasheet HTML 328Page - Renesas Technology Corp SH7041A Datasheet HTML 329Page - Renesas Technology Corp SH7041A Datasheet HTML 330Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 923 page
background image
288
12.2.2
Timer Mode Register (TMDR)
The TMDR is an 8-bit read/write register that sets the operating mode for each channel. The MTU
has five TMDR registers, one for each channel. TMDR is initialized to H'C0 by a power-on reset
or the standby mode. Manual reset does not initialize TMDR.
Channels 0, 3, 4: TMDR0, TMDR3, TMDR4:
Bit:
7
6
5
4
3
2
1
0
—
—
BFB
BFA
MD3
MD2
MD1
MD0
Initial value:
1
1
0
0
0
0
0
0
R/W:
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Channels 1, 2: TMDR1, TMDR2:
Bit:
7
6
5
4
3
2
1
0
—
—
—
—
MD3
MD2
MD1
MD0
Initial value:
1
1
0
0
0
0
0
0
R/W:
R
R
R
R
R/W
R/W
R/W
R/W
• Bits 7, 6—Reserved: These bits are reserved. They always read as 1, and cannot be modified.
• Bit 5—Buffer Operation B (BFB): Designates whether to use the TGRB register for normal
operation, or buffer operation in combination with the TGRD register. When using TGRD as a
buffer register, no TGRD register input capture/output compares are generated.
This bit is reserved in channels 1 and 2, which have no TGRD registers. It is always read as 0,
and cannot be modified.
Bit 5: BFB
Description
0
TGRB operates normally (initial value)
1
TGRB and TGRD buffer operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com