Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 323Page - Renesas Technology Corp SH7041A Datasheet HTML 324Page - Renesas Technology Corp SH7041A Datasheet HTML 325Page - Renesas Technology Corp SH7041A Datasheet HTML 326Page - Renesas Technology Corp SH7041A Datasheet HTML 327Page - Renesas Technology Corp SH7041A Datasheet HTML 328Page - Renesas Technology Corp SH7041A Datasheet HTML 329Page - Renesas Technology Corp SH7041A Datasheet HTML 330Page - Renesas Technology Corp SH7041A Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 923 page
background image
289
• Bit 4—Buffer Operation A (BFA): Designates whether to use the TGRA register for normal
operation, or buffer operation in combination with the TGRC register. When using TGRC as a
buffer register, no TGRC register input capture/output compares are generated.
This bit is reserved in channels 1 and 2, which have no TGRC registers. It is always read as 0,
and cannot be modified.
Bit 4: BFA
Description
0
TGRA operates normally (initial value)
1
TGRA and TGRC buffer operation
• Bits 3–0—Modes 3–0 (MD3–MD0): These bits set the timer operation mode.
Bit 3:
MD3
Bit 2:
MD2
Bit 1:
MD1
Bit 0:
MD0
Description
0000
Normal operation (initial value)
1
Reserved (do not set)
1
0
PWM mode 1
1
PWM mode 2*
1
1
0
0
Phase counting mode 1*
2
1
Phase counting mode 2*
2
1
0
Phase counting mode 3*
2
1
Phase counting mode 4*
2
1000
Reset synchronous PWM mode*
3
1
Reserved (do not set)
1
0
Reserved (do not set)
1
Reserved (do not set)
1
0
0
Reserved (do not set)
1
Complementary PWM mode 1 (transmit at peak)*
3
1
0
Complementary PWM mode 2 (transmit at valley)*
3
1
Complementary PWM mode 3 (transmit at peak and valley) *
3
Notes: *1 PWM mode 2 can not be set for channels 3, 4.
*2 Phase measurement mode can not be set for channels 0, 3, 4.
*3 Reset synchronous PWM mode, complementary PWM mode can only be set for
channel 3. When channel 3 is set to reset synchronous PWM mode or complementary
PWM mode, the channel 4 settings become ineffective and automatically conform to the
channel 3 settings. However, do not set channel 4 to reset synchronous PWM mode or
complementary PWM mode. Reset synchronous PWM mode and complementary PWM
mode can not be set for channels 0, 1, 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com