Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMD
Description  Surface-mount Devices
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMD Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMD Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
Min
Max
Min
Max
Min
Max
Min
Min
Recommended Solder Pad Layout Dimensions (mm)
F
G
H
Device
Normal Value
Normal Value
Normal Value
1210 Series
1.0
2.0
2.5
Electrical Characteristics
Maximum
Time-to-Trip
Resistance
Current
Time
RiMIN
R1MAX
Model
VMAX
(V)
IMAX
(A)
IH
(A)
IT
(A)
PD
(W)
(A)
(Sec)
(
Ω)
(
Ω)
1.5
3.0
0.8
8.0
2.0
0.010
0.060
1.5
3.0
0.8
8.0
2.0
0.010
0.060
1.75
3.5
0.8
8.0
2.0
0.005
0.040
SMD1210P300L-12
3.0
3.43
2.35
2.8
0.4
1.0
0.25
0.1
SMD1210P350L
3.0
3.43
2.35
2.8
0.4
1.2
0.25
0.1
SMD1210P350L-12
3.0
3.43
2.35
2.8
0.4
1.2
0.25
0.1
SMD1210P380L
3.0
3.43
2.35
2.8
0.4
1.2
0.25
0.1
SMD1210P380L-12
3.0
3.43
2.35
2.8
0.4
1.2
0.25
0.1
SMD1210P400L
3.0
3.43
2.35
2.8
0.5
1.2
0.25
0.1
SMD1210P400L-12
3.0
3.43
2.35
2.8
0.5
1.2
0.25
0.1
SMD1210P450L
3.0
3.43
2.35
2.8
0.5
1.4
0.25
0.1
SMD1210P450L-12
3.0
3.43
2.35
2.8
0.5
1.4
0.25
0.1
SMD1210P500L
3.0
3.43
2.35
2.8
0.5
1.4
0.25
0.1
SMD1210P500L-12
3.0
3.43
2.35
2.8
0.5
1.4
0.25
0.1
SMD1210P550L
3.0
3.43
2.35
2.8
0.5
1.4
0.25
0.1
SMD1210P550L-12
3.0
3.43
2.35
2.8
0.5
1.4
0.25
0.1
SMD1210P600L
3.0
3.43
2.35
2.8
0.5
1.6
0.25
0.1
SMD1210P600L-12
3.0
3.43
2.35
2.8
0.5
1.6
0.25
0.1
SMD1210P650L
3.0
3.43
2.35
2.8
0.5
1.6
0.25
0.1
SMD1210P650L-12
3.0
3.43
2.35
2.8
0.5
1.6
0.25
0.1
SMD1210P700L
3.0
3.43
2.35
2.8
0.5
1.6
0.25
0.1
SMD1210P700L-12
3.0
3.43
2.35
2.8
0.5
1.6
0.25
0.1
SMD1210P750L
3.0
3.43
2.35
2.8
0.5
1.6
0.25
0.1
SMD1210P750L-12
3.0
3.43
2.35
2.8
0.5
1.6
0.25
0.1
Model
Rev :
www.leiditech.com
01.06.2018
2/8
SMD
SMD1210P150L-12
12.0
50.0
SMD1210P175L
6.0
50.0
1210P150L
6.0
50.0
SMD1210P150L~750L Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com