Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMD
Description  Surface-mount Devices
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMD Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMD Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1.75
3.5
0.8
8.0
2.0
0.005
0.040
1.9
3.8
0.8
8.0
3.0
0.006
0.037
1.9
3.8
0.8
8.0
3.0
0.006
0.037
2.0
4.0
0.8
8.0
3.0
0.006
0.035
2.0
4.0
0.8
8.0
3.0
0.006
0.035
2.6
5.2
0.8
13.0
2.0
0.003
0.025
2.6
5.2
0.8
13.0
2.0
0.003
0.025
3.0
6.0
0.8
15.0
2.0
0.003
0.02
3.0
6.0
0.8
15.0
2.0
0.003
0.02
3.5
7.0
0.8
17.5
2.0
0.002
0.018
3.5
7.0
0.8
17.5
2.0
0.002
0.018
3.8
7.6
0.8
19.0
2.0
0.002
0.016
3.8
7.6
0.8
19.0
2.0
0.002
0.016
4.0
8.0
0.8
20.0
2.0
0.002
0.014
4.0
8.0
0.8
20.0
2.0
0.002
0.014
4.5
9.0
1.0
22.5
2.0
0.001
0.013
4.5
9.0
1.0
22.5
2.0
0.001
0.013
5.0
10.0
1.0
25.0
2.0
0.001
0.012
5.0
10.0
1.0
25.0
2.0
0.001
0.012
5.5
11.0
1.0
27.5
2.0
0.001
0.011
5.5
11.0
1.0
27.5
2.0
0.001
0.011
6.0
12.0
1.2
30.0
2.0
0.001
0.010
6.0
12.0
1.2
30.0
2.0
0.001
0.010
6.5
13.0
1.2
32.5
2.0
0.001
0.009
6.5
13.0
1.2
32.5
2.0
0.001
0.009
7.0
14.0
1.2
35.0
2.0
0.001
0.008
7.0
14.0
1.2
35.0
2.0
0.001
0.008
7.5
15.0
1.2
37.5
2.0
0.001
0.007
7.5
15.0
1.2
37.5
2.0
0.001
0.007
Thermal Derating Chart-IH (A)
Maximum ambient operating temperature (℃)
Model
-40
-20
0
25
40
50
60
70
85
SMD1210P175L-12
12.0
50.0
SMD1210P200L-12
12.0
50.0
SMD1210P260L
6.0
50.0
SMD1210P750L-12
12.0
50.0
Rev :
www.leiditech.com
01.06.2018
3/8
SMD1210P190L
6.0
50.0
SMD1210P190L-12
12.0
50.0
SMD1210P200L
6.0
50.0
SMD1210P260L-12
12.0
50.0
SMD1210P300L
6.0
50.0
SMD1210P300L-12
12.0
50.0
SMD1210P350L
6.0
50.0
SMD1210P350L-12
12.0
50.0
SMD1210P380L
6.0
50.0
SMD1210P380L-12
12.0
50.0
SMD1210P400L
6.0
50.0
SMD1210P400L-12
12.0
50.0
SMD1210P450L
6.0
50.0
SMD1210P450L-12
12.0
50.0
SMD1210P500L
6.0
50.0
SMD1210P500L-12
12.0
50.0
SMD1210P550L
6.0
50.0
SMD1210P550L-12
12.0
50.0
SMD1210P600L
6.0
50.0
SMD1210P600L-12
12.0
50.0
SMD1210P650L
6.0
50.0
SMD1210P650L-12
12.0
50.0
SMD1210P700L
6.0
50.0
SMD1210P700L-12
12.0
50.0
SMD1210P750L
6.0
50.0
SMD1210P150L
2.25
2.00
1.75
1.50
1.33
1.15
1.05
0.93
0.70
SMD1210P150L-12
2.25
2.00
1.75
1.50
1.33
1.15
1.05
0.93
0.70
SMD1210P175L
2.55
2.33
2.02
1.75
1.53
1.35
1.23
1.07
0.85
SMD1210P175L-12
2.55
2.33
2.02
1.75
1.53
1.35
1.23
1.07
0.85
SMD1210P150L~750L Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com