Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMD
Description  Surface-mount Devices
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMD Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMD Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Physical Characteristics
Terminal Materials
Tin-Plated Nickle-copper
Soldering Zone
Meets EIA specification RS 186-9E and ANSI/J-STD-002 Category 3.
Moisture Sensitivity
Level 2a,
 per IPC/JEDEC J-STD 020C
Environmental Specifications
Test Item
Test Conditions
Resistance Change
Passive Aging
85℃,1000 hours
±10% typical
Humidity Aging
85℃/85%RH.100 hours
±5% typical
Thermal Shock
MIL-STD-202,Method 107G
+85℃/-40℃,20 times
-30% typical
Solvent Resistance
MIL-STD-202,Method 215
No change
Vibration
ML-STD-883C,Test Condition A
No change
Electrical Specifications
IH=Hold current: Maximum current at which the device will not interrupt in 25℃ still air.
IT=Trip current: Minimum current at which the device from low resistance to high resistance in 25℃ still air.
VMAX=Maximum continuous voltage device can withstand without damage at rated current.
IMAX=Maximum fault current device can withstand without damage at rated voltage.
Maximum Time-to-trip: Maximum time to trip at assigned current.
PD=Typical power dissipation: Typical amount of power dissipated from the device when in 25℃ still air environment.
RiMIN=Minimum resistance of device at 25℃ prior to tripping.
R1MAX = Maximum device resistance is measured one hour post reflow.
Solder Reflow Profiles
Rev :
www.leiditech.com
01.06.2018
5/8
SMD1210P150L~750L Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com