Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMD
Description  Surface-mount Devices
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMD Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMD Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features:
RoHS Compliant & Halogen Free
Faster tripping, 1210 Dimension, Surface mountable, Solid state
Operating Current: 1.5A~7.5A
Maximum Voltage: 6V/12V
Operating Temperature:-40℃~ 85℃
Certification: CSA
                                                                                                       
 
 
      
 
Product Dimensions (mm)
A
B
C
D
E
Min
Max
Min
Max
Min
Max
Min
Min
SMD1210P150L~750L Series
Surface-mount Devices
SMD1210P150L-12
3.0
3.43
2.35
2.8
0.3
0.7
0.25
0.1
SMD1210P150L
3.0
3.43
2.35
2.8
0.3
0.7
0.25
0.1
3.0
3.43
2.35
2.8
0.3
0.7
0.25
0.1
SMD1210P175L
Model
Rev :
www.leiditech.com
01.06.2018
1/8
SMD1210P175L-12
3.0
3.43
2.35
2.8
0.3
0.7
0.25
0.1
SMD1210P190L
3.0
3.43
2.35
2.8
0.3
0.7
0.25
0.1
SMD1210P190L-12
3.0
3.43
2.35
2.8
0.3
0.7
0.25
0.1
SMD1210P200L
3.0
3.43
2.35
2.8
0.3
0.7
0.25
0.1
SMD1210P200L-12
3.0
3.43
2.35
2.8
0.3
0.7
0.25
0.1
SMD1210P260L
3.0
3.43
2.35
2.8
0.4
1.0
0.25
0.1
SMD1210P260L-12
3.0
3.43
2.35
2.8
0.4
1.0
0.25
0.1
SMD1210P300L
3.0
3.43
2.35
2.8
0.4
1.0
0.25
0.1


Similar Part No. - SMD

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
SMD AEL-SMD Datasheet
85Kb / 1P
2.5 x 2.0mm SMD Crystal Resonator
logo
TAITRON Components Inco...
SMD TAITRON-SMD Datasheet
195Kb / 1P
SMD Zener
logo
DATEL, Inc.
SMD DATEL-SMD Datasheet
168Kb / 1P
SMD Analog-to-Digital Converters
logo
WAGO Kontakttechnik Gmb...
SMD WAGO-SMD Datasheet
1,015Kb / 8P
SMD Terminal Blocks
06/2014
logo
TXC Corporation.
SMD HC-49S TXC-SMD HC-49S Datasheet
385Kb / 1P
SMD HC-49S
More results

Similar Description - SMD

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
PolySwitch Resettable Devices Surface-mount Devices
logo
StarHope
USM SPSEMI-USM Datasheet
280Kb / 2P
Surface Mount Devices
TSM SPSEMI-TSM Datasheet
826Kb / 2P
Surface Mount Devices
SM SPSEMI-SM Datasheet
1Mb / 3P
Surface Mount Devices
NSM SPSEMI-NSM Datasheet
702Kb / 3P
Surface Mount Devices
MSM SPSEMI-MSM Datasheet
505Kb / 3P
Surface Mount Devices
ISM SPSEMI-ISM Datasheet
288Kb / 2P
Surface Mount Devices
DSM SPSEMI-DSM Datasheet
290Kb / 2P
Surface Mount Devices
PESD040205A015FR SPSEMI-PESD040205A015FR Datasheet
439Kb / 5P
Surface Mount Devices
logo
Shanghai Leiditech Elec...
LM130F LEIDITECH-LM130F Datasheet
486Kb / 2P
Surface mount devices
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com