Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMD
Description  Surface-mount Devices
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMD Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMD Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Test Procedures and Requirements
Test Item
Test Conditions
Accept/Reject Criteria
Initial Resistance
In still air at 25℃
RiMIN≤R≤R1MAX
Time to Trip
Specified current, VMAX, 25℃
T≤Maximum Time to Trip
Holding Current
30min, at IH, 25℃
No trip
Trip Cycle Life
VMAX, IMAX, 100 cycles
No arcing or burning
Trip Endurance
VMAX, IMAX, 1 hour
No arcing or burning
SMD
Rev :
www.leiditech.com
01.06.2018
4/8
1210P190L
2.81
2.53
2.20
1.90
1.67
1.47
1.34
1.17
0.91
SMD1210P190L-12
2.81
2.53
2.20
1.90
1.67
1.47
1.34
1.17
0.91
SMD1210P200L
2.96
2.67
2.32
2.00
1.76
1.55
1.41
1.23
0.96
SMD1210P200L-12
2.96
2.67
2.32
2.00
1.76
1.55
1.41
1.23
0.96
SMD1210P260L
3.85
3.47
3.02
2.60
2.29
2.01
1.84
1.59
1.25
SMD1210P260L-12
3.85
3.47
3.02
2.60
2.29
2.01
1.84
1.59
1.25
SMD1210P300L
4.40
3.98
3.45
3.00
2.64
2.30
2.15
1.83
1.42
SMD1210P300L-12
4.40
3.98
3.45
3.00
2.64
2.30
2.15
1.83
1.42
SMD1210P350L
5.18
4.67
4.06
3.50
3.08
2.71
2.47
2.15
1.68
SMD1210P350L-12
5.18
4.67
4.06
3.50
3.08
2.71
2.47
2.15
1.68
SMD1210P380L
5.55
5.02
4.35
3.80
3.32
2.92
2.65
2.30
1.81
SMD1210P380L-12
5.55
5.02
4.35
3.80
3.32
2.92
2.65
2.30
1.81
SMD1210P400L
5.92
5.33
4.64
4.00
3.52
3.09
2.83
2.45
1.92
SMD1210P400L-12
5.92
5.33
4.64
4.00
3.52
3.09
2.83
2.45
1.92
SMD1210P450L
6.12
5.39
5.16
4.50
3.85
3.35
3.00
2.36
1.56
SMD1210P450L-12
6.12
5.39
5.16
4.50
3.85
3.35
3.00
2.36
1.56
SMD1210P500L
7.40
6.67
5.80
5.00
4.40
3.87
3.53
3.07
2.40
SMD1210P500L-12
7.40
6.67
5.80
5.00
4.40
3.87
3.53
3.07
2.40
SMD1210P550L
8.14
7.34
6.38
5.50
4.84
4.26
3.88
3.38
2.64
SMD1210P550L-12
8.14
7.34
6.38
5.50
4.84
4.26
3.88
3.38
2.64
SMD1210P600L
8.65
7.91
6.93
6.00
5.23
4.45
4.00
3.63
2.85
SMD1210P600L-12
8.65
7.91
6.93
6.00
5.23
4.45
4.00
3.63
2.85
SMD1210P650L
9.20
8.45
7.45
6.50
5.60
4.65
4.30
3.89
3.00
SMD1210P650L-12
9.20
8.45
7.45
6.50
5.60
4.65
4.30
3.89
3.00
SMD1210P700L
9.84
9.00
7.95
7.00
5.96
4.95
4.50
4.16
3.20
SMD1210P700L-12
9.84
9.00
7.95
7.00
5.96
4.95
4.50
4.16
3.20
SMD1210P750L
10.5
9.65
8.50
7.50
6.40
5.30
4.80
4.45
4.42
SMD1210P750L-12
10.5
9.65
8.50
7.50
6.40
5.30
4.80
4.45
4.42
SMD1210P150L~750L Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com