Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWPR1124ZVHT Datasheet(PDF) 22 Page - NXP Semiconductors

Part # MWPR1124ZVHT
Description  Wireless Power Receiver with Integrated Bluetooth짰 Low Energy Radio
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1124ZVHT Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button MWPR1124ZVHT Datasheet HTML 18Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 19Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 20Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 21Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 22Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 23Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 24Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 25Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 86 page
background image
Table 5. Receiver Specifications with Generic FSK Modulations
Adjacent/Alternate Channel Selectivity (dB)1
Modulation
Type
Data
Rate
(kbps)
Channel
BW (kHz)
Typical
Sensitivity
(dBm)
Desired
signal
level
(dBm)
Interferer
at -/+1*
channel
BW offset
Interferer
at -/+ 2*
channel
BW offset
Interferer
at -/+ 3*
channel
BW offset
Interferer
at -/+ 4*
channel
BW offset
Co-
channel
GFSK BT =
0.5, h=0.5
1000
2000
-95
-67
45
50
52
52
-7
500
1000
-97
-85
33
44
49
51
-7
250
500
-100
-85
20
33
42
46
-7
GFSK, BT =
0.5, h=0.3
1000
1000
-89
-67
30
36
41
42
-7
500
800
-91
-85
25
36
37
43
-13
250
500
-93
-85
25
25
37
37
-13
GFSK, BT =
0.5, h=0.7
1000
2000
-96
-85
35
45
50
55
-7
500
1000
-98
-85
32
44
47
50
-7
250
600
-99
-85
30
34
46
45
-7
GMSK
BT=0.3
1000
1600
-91
-85
35
40
45
50
-8
500
800
-93
-85
30
40
40
45
-7
250
500
-95
-85
20
32
32
40
-7
GMSK, BT =
0.7
1000
2000
-96
-85
35
45
50
55
-7
500
1000
-97
-85
30
45
48
50
-7
250
600
-99
-85
30
33
45
45
-7
Generic
MSK
1000
3000
-96
-85
39
50
58
63
-7
500
1600
-98
-85
38
47
50
55
-7
250
800
-99
-85
30
46
45
50
-7
1. Selectivity measured with an unmodulated blocker
5.3 Transmit and PLL Feature Summary
• Supports constant envelope modulation of 2.4 GHz ISM and 2.36 GHz MBAN
frequency bands
• Fast PLL Lock time: < 25 µs
• Reference Frequency:
• 26 and 32 MHz supported for Bluetooth LE
Table 6. Top level Transmitter Specifications (TA=25°C, nominal process unless otherwise
noted)
Characteristic1
Symbol
Min.
Typ.
Max.
Unit
Supply current power down on VDD_RFx supplies
Ipdn
—
200
—
nA
Table continues on the next page...
Transceiver Electrical Characteristics
22
MWPR1124ZVHT/MWPR1024IZVHT Data Sheet, Rev. 0, 04/2018
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com