Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWPR1124ZVHT Datasheet(PDF) 72 Page - NXP Semiconductors

Part # MWPR1124ZVHT
Description  Wireless Power Receiver with Integrated Bluetooth짰 Low Energy Radio
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1124ZVHT Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button MWPR1124ZVHT Datasheet HTML 68Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 69Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 70Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 71Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 72Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 73Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 74Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 75Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
Table 47. DC-DC Converter Specifications (continued)
Characteristics
Conditions
Symbol
Min
Typ
Max
Unit
DCDC Transition Operating
Behavior
LSS➔Run
t_DCDCbuck_L
S S➔RUN
—
50
—
us
DCDC Turn on Time
TDCDC_ON_buck
—
2.29
—
ms
DCDC Settling Time for
increasing voltage
TDCDC_SETTLE_bu
ck
—
0.371
—
ms
DCDC Settling Time for
decreasing voltage
C = capacitance
attached to the
DCDC V1P8
output rail.
V1 = the initial
output voltage of
the DCDC
V2 = the final
output voltage of
the DCDC
I2 = the load on
the DCDC output
expressed in
Amperes.
TDCDC_SETTLE_bu
ck
—
(C*(V1-V2)/I2
—
s
1. This is the steady state DC output power. It requires VDCDC_IN >= 1.7V in boost mode. Excessive transient current
load from external device will cause 1p8V and 1P5 output voltage unregulated temporary.
2. This is the frequency that will be observed at LN and LP pins.
3. The voltage output level can be controlled by programming DCDC_VDD1P8CTRL_TRG field in DCDC_REG3.
4. The output current specification in both buck and boost modes represents the maximum current the DC-DC converter
can deliver. The MWPR1x24 radio and MCU blocks current consumption is not excluded. Note that the maxium output
power of the DC-DC converter is 125mW. The available supply current for external device depends on the energy
consumed by the internal peripherals in MWPR1x24.
5. When using DC-DC in low power mode(pulsed mode), current load must be less than 0.5 mA.
6. The minimum VDD_1P5_boost is the maximum of either what is programmed using
DCDC_VDD1P5CTRL_TRG_BOOST field in DCDC_REG3 or VDCDC_IN_boost + 0.05V. For example, if VDCDC_IN =
0.9V, minimum VDD_1P5 is as programmed in DCDC_VDD1P5CTRL_ TRG_BOOST. If VDCDC_IN = 1.5V, minimum
VDD_1P5 = 1.5 + 0.05V is 1.55V.
7. 1.8 V is the default value of the DC-DC 1.5 V output voltage in boost mode. The user can program
DCDC_VDD1P5CTRL_TRG_BOOST field in register DCDC_REG3 to control 1.5 V output voltage level. For reliable
radio operation, a voltage level of 1.425 V is required. VDD_1P5 must not be programmed higher than VDD_1P8.
8. 1.5 V is intended to supply power to MWPR1x24 only. It is not designed to supply power to an external device.
9. Turn on time is measured from the application of power (to DCDC_IN) to when the DCDC_REG0[DCDC_STS_DC_OK]
bit is set. Code execution may begin before the DCDC_REG0[DCDC_STS_DC_OK] bit is set. Full device specification is
not guaranteed until the bit sets.
10. In Buck mode, the maximum VDD_1P8 output is the minimum of either VDCDC_IN_BUCK minus 50 mV or 3.5 V. For
example, if VDCDC_IN = 1.85V, maximum VDD_1P8 is 1.8V. If VDCDC_IN = 4.2V, maximum VDD_1P8 is 3V.
11. 1.5 V is the default value of DCDC VDD_1P5 in buck mode. The user can program DCDC_VDD1P5CTRL_TRG_BUCK
field in register DCDC_REG3 to control 1P5 output voltage level. For Radio operation, minimum 1.425 V is required.
VDD_1P5 must not be programmed higher than VDD_1P8.
7.7 Ratings
MCU Electrical Characteristics
72
MWPR1124ZVHT/MWPR1024IZVHT Data Sheet, Rev. 0, 04/2018
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com