Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWPR1124ZVHT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MWPR1124ZVHT
Description  Wireless Power Receiver with Integrated Bluetooth짰 Low Energy Radio
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1124ZVHT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MWPR1124ZVHT Datasheet HTML 3Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 4Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 5Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 6Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 7Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 8Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 9Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 10Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
• 26 and 32 MHz supported for Bluetooth LE
• Bluetooth Low Energy ver. 4.2 Link Layer hardware with 2 independent
hardware connection engines
3.3 Microcontroller features
Arm Cortex-M0+ CPU
• Up to 48 MHz CPU
• As compared to Cortex-M0, the Cortex-M0+ uses an optimized 2-stage pipeline
microarchitecture for reduced power consumption and improved architectural
performance (cycles per instruction)
• Supports up to 32 interrupt request sources
• Binary compatible instruction set architecture with the Cortex-M0 core
• Thumb instruction set combines high code density with 32-bit performance
• Serial Wire Debug (SWD) reduces the number of pins required for debugging
• Micro Trace Buffer (MTB) provides lightweight program trace capabilities using
system RAM as the destination memory
Nested Vectored Interrupt Controller (NVIC)
• 32 vectored interrupts, 4 programmable priority levels
• Includes a single non-maskable interrupt
Wake-up Interrupt Controller (WIC)
• Supports interrupt handling when system clocking is disabled in low power
modes
• Takes over and emulates the NVIC behavior when correctly primed by the NVIC
on entry to very-deep-sleep
• A rudimentary interrupt masking system with no prioritization logic signals for
wake-up as soon as a non-masked interrupt is detected
Debug Controller
• Two-wire Serial Wire Debug (SWD) interface
• Hardware breakpoint unit for 2 code addresses
• Hardware watchpoint unit for 2 data items
• Micro Trace Buffer for program tracing
On-Chip Memory
• Up to 512 KB Flash
Feature Descriptions
MWPR1124ZVHT/MWPR1024IZVHT Data Sheet, Rev. 0, 04/2018
7
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com