Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWPR1124ZVHT Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MWPR1124ZVHT
Description  Wireless Power Receiver with Integrated Bluetooth짰 Low Energy Radio
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1124ZVHT Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MWPR1124ZVHT Datasheet HTML 35Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 36Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 37Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 38Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 39Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 40Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 41Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 42Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
Table 15. Power consumption operating behaviors - Boost Mode (continued)
Symbol
Description
Typ.
Max.
Unit
Notes
at 105 °C
221.29
371.66
μA
IDD_VLLS3 Very-low-leakage stop mode 3 current at Boost
mode(1.3 V),
at 25 °C
at 70 °C
at 105 °C
7.99
88.4
287.14
13.89
167.96
534.67
μA
μA
μA
IDD_VLLS2 Very-low-leakage stop mode 2 current at Boost
mode(1.3 V),
at 25 °C
at 70 °C
at 105 °C
7.09
23.38
95.67
10.45
43.79
150.94
μA
μA
μA
IDD_VLLS1 Very-low-leakage stop mode 1 current at Boost
mode(1.3 V),
at 25 °C
at 70 °C
at 105 °C
3.63
16.23
67.77
8.44
50.86
109.32
μA
μA
μA
1. The analog supply current is the sum of the active or disabled current for each of the analog modules on the device.
See each module's specification for its supply current.
2. MCG configured for FEI mode.
3. Incremental current consumption from peripheral activity is not included.
4. MCG configured for BLPI mode.
Table 16. Low power mode peripheral adders — typical value
Symbol
Description
Temperature (°C)
Unit
-40
25
50
70
85
IIREFSTEN4MHz
4 MHz internal reference clock (IRC)
adder. Measured by entering STOP or
VLPS mode with 4 MHz IRC enabled.
46
46
47
47
47
µA
IIREFSTEN32KHz
32 kHz internal reference clock (IRC)
adder. Measured by entering STOP mode
with the 32 kHz IRC enabled.
88
91
90
89
88
µA
IEREFSTEN32KHz
External 32 kHz crystal clock adder by
means of the RTC bits. Measured by
entering all modes with the crystal
enabled.
VLLS1
VLLS2
VLLS3
LLS2
LLS3
1.4
1.6
2.7
1.8
2.6
1.3
1.5
1.9
1.4
1.7
1.6
1.9
2.9
1.7
2.8
2.4
4.2
7.7
4.1
7.6
4.1
7.7
15
8
15.2
μA
Table continues on the next page...
MCU Electrical Characteristics
MWPR1124ZVHT/MWPR1024IZVHT Data Sheet, Rev. 0, 04/2018
39
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com